Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LRB480 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # LRB480
Description  Symbol LED 5 mm x 2.5 mm, Partly Diffused
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LRB480 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  LRB480 Datasheet HTML 1Page - Siemens Semiconductor Group LRB480 Datasheet HTML 2Page - Siemens Semiconductor Group LRB480 Datasheet HTML 3Page - Siemens Semiconductor Group LRB480 Datasheet HTML 4Page - Siemens Semiconductor Group LRB480 Datasheet HTML 5Page - Siemens Semiconductor Group LRB480 Datasheet HTML 6Page - Siemens Semiconductor Group LRB480 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Semiconductor Group
4
Relative spektrale Emission
I
rel = f (
λ), T
A = 25 ˚C, IF = 20 mA
Relative spectral emission
V (
λ) = spektrale Augenempfindlichkeit
Standard eye response curve
Abstrahlcharakteristik
I
rel = f (ϕ)
Radiation characteristic
LR B480, LS B480, LY B480
LG B480


Similar Part No. - LRB480

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LRB480-BD SIEMENS-LRB480-BD Datasheet
94Kb / 1P
   RECTANGULAR LED LAMP
LRB480-C SIEMENS-LRB480-C Datasheet
94Kb / 1P
   RECTANGULAR LED LAMP
LRB4801111 SIEMENS-LRB4801111 Datasheet
94Kb / 1P
   RECTANGULAR LED LAMP
More results

Similar Description - LRB480

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LUB371 SIEMENS-LUB371 Datasheet
335Kb / 7P
   Symbol MULTILED 2.5 mm x 5 mm, Partly Diffused
LRH380 SIEMENS-LRH380 Datasheet
437Kb / 8P
   Symbol LED 5 mm T1 3/4 LED, Partly Diffused
LUH371 SIEMENS-LUH371 Datasheet
331Kb / 7P
   Symbol MULTILED 5 mm T1 3/4, Partly Diffused
logo
Vishay Siliconix
TLSG5101 VISHAY-TLSG5101 Datasheet
128Kb / 7P
   Symbol LED, 2.5 x 5 mm Flat Tinted Top-Diffused Package
Rev. A3, 05-Oct-00
TLSH510 VISHAY-TLSH510 Datasheet
101Kb / 8P
   Symbol LED, 2.5 x 5 mm Flat Tinted Top-Diffused Package
Rev. A1, 04-Feb-99
TLSV5100 VISHAY-TLSV5100_V01 Datasheet
107Kb / 6P
   Bicolor Symbol LED in 2.5 mm x 5 mm Untinted Top-Diffused Package
09-Jul-2021
TLVS5100 VISHAY-TLVS5100 Datasheet
109Kb / 6P
   Bicolor Symbol LED in 2.5 mm x 5 mm Untinted Top-Diffused Package
Rev. 1.7, 23-May-13
TLSV5100 VISHAY-TLSV5100 Datasheet
92Kb / 6P
   Bicolor Symbol LED in 2.5 x 5 mm Untinted Top-Diffused Package
Rev. A1, 04-Feb-99
TLSH210 VISHAY-TLSH210 Datasheet
95Kb / 8P
   Symbol LED in 2 x 5 mm Flat Tinted Top-Diffused Package
Rev. A1, 04-Feb-99
TSDF2005W VISHAY-TSDF2005W Datasheet
116Kb / 7P
   Symbol LED in 2 x 5 mm Flat and Tinted Top-Diffused Package
Rev. A3, 05-Oct-00
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com