Part Name
         Description
UA7527

 POWER FACTOR CONTROLLER ( 6 Page)


UTC
100% 
Zoom Out Zoom In
   
 2 page
background image
UA7527
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R114-003.b
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
INV
The inverting input of the error amplifier. The output of the boost converter should be
resistively divided to 2.5V and connected to this pin.
2
EA_OUT
The error amplifier output. A feedback compensation network is placed between this pin
and the INV pin.
3
MULT
Input to the multiplier stage. Full-wave rectified AC voltage is divided into a voltage less
than 2V and is connected to this pin.
4
CS
Input of the Pulse-Width Modulation comparator. Current is sensed in the boost stage
MOSFET by a resistor in the source lead. An internal R / C filter can filter out any
high frequency noise.
5
IDET
Input to zero current detection.
6
GND
The IC ground.
7
OUT
Gate driver output. This pin provides an output to an external Power MOSFET with
peak current of 500mA.
8
VCC
The positive supply of the device.



Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl