Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U74LVC574 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74LVC574
Description  OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC574 Datasheet(HTML) 3 Page - Unisonic Technologies

  U74LVC574 Datasheet HTML 1Page - Unisonic Technologies U74LVC574 Datasheet HTML 2Page - Unisonic Technologies U74LVC574 Datasheet HTML 3Page - Unisonic Technologies U74LVC574 Datasheet HTML 4Page - Unisonic Technologies U74LVC574 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
U74LVC574
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-266.B
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5 ~ 6.5
V
Input Voltage
VIN
-0.5 ~ 6.5
V
-0.5 ~ 6.5 (Note 2)
Output Voltage
VOUT
-0.5 ~ VCC +0.5 (Note 3)
V
VCC or GND Current
ICC
±100
mA
Output Current
IOUT
±50
mA
Input Clamp Current
IIK
-50
mA
Output Clamp Current
IOK
-50
mA
Operating Temperature
TOPR
-40 ~ + 85
Storage Temperature
TSTG
-65 ~ + 150
Note: 1.
2.
3.
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
Voltage range applied to any output in the high-impedance or power-off state.
Voltage range applied to any output in the high or low state, and VCC is provided in the recommended
operating conditions table.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
SOP-20
100
/W
Junction-to-Ambient
SSOP-20/TSSOP-20
θJA
115
/W
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Operating
1.65
3.6
Supply Voltage
VCC
Data retention only
1.5
V
VCC=1.65V to 1.95V
0.65×VCC
VCC=2.3V to 2.7V
1.7
High-level Input Voltage
VIH
VCC=2.7V to 3.6V
2
V
VCC=1.65V to 1.95V
0.35×VCC
VCC=2.3V to 2.7V
0.7
Low-level Input Voltage
VIL
VCC=2.7V to 3.6V
0.8
V
Input Voltage
VIN
0
5.5
V
High or low state
0
VCC
Output Voltage
VOUT
3 state
0
5.5
V
VCC=1.65V
-4
VCC=2.3V
-8
VCC=2.7V
-12
High-level Output Current
IOH
VCC=3V
-24
mA
VCC=1.65V
4
VCC=2.3V
8
VCC=2.7V
12
Low-level Output Current
IOL
VCC=3V
24
mA
Input Rise or Fall Times
tR, tF
0
6
ns/V


Similar Part No. - U74LVC574

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC574G-P20-R UTC-U74LVC574G-P20-R Datasheet
273Kb / 5P
   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
U74LVC574G-R20-R UTC-U74LVC574G-R20-R Datasheet
273Kb / 5P
   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
U74LVC574G-S20-R UTC-U74LVC574G-S20-R Datasheet
273Kb / 5P
   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
U74LVC574 UTC-U74LVC574_15 Datasheet
273Kb / 5P
   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
More results

Similar Description - U74LVC574

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC374 TI-SN54AHC374 Datasheet
112Kb / 8P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT564 TI-SN54ACT564 Datasheet
110Kb / 6P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS374A TI-SN54ALS374A Datasheet
125Kb / 9P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS534A TI-SN54ALS534A Datasheet
114Kb / 7P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54LVC574A TI-SN54LVC574A Datasheet
914Kb / 25P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT374 TI-SN54ACT374_08 Datasheet
718Kb / 18P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AHC574 TI-SN54AHC574 Datasheet
112Kb / 8P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT374 TI-SN54ACT374_02 Datasheet
276Kb / 14P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54HC574 TI-SN54HC574_07 Datasheet
674Kb / 18P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS374A TI-SN54ALS374A_08 Datasheet
722Kb / 20P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SNJ54AS574B TI1-SNJ54AS574B Datasheet
1Mb / 25P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com