Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LOPT672-M Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # LOPT672-M
Description  Super Multi TOPLED High-Current LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LOPT672-M Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  LOPT672-M Datasheet HTML 1Page - Siemens Semiconductor Group LOPT672-M Datasheet HTML 2Page - Siemens Semiconductor Group LOPT672-M Datasheet HTML 3Page - Siemens Semiconductor Group LOPT672-M Datasheet HTML 4Page - Siemens Semiconductor Group LOPT672-M Datasheet HTML 5Page - Siemens Semiconductor Group LOPT672-M Datasheet HTML 6Page - Siemens Semiconductor Group LOPT672-M Datasheet HTML 7Page - Siemens Semiconductor Group LOPT672-M Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Semiconductor Group
5
LOY T672, LSG T672, LSP T672
LOP T672, LOG T672, LYP T672
Relative spektrale Emission
I
rel = f (λ), TA = 25 ˚C, IF = 10 mA
Relative spectral emission
V (
λ) = spektrale Augenempfindlichkeit
Standard eye response curve
Abstrahlcharakteristik
I
rel = f (ϕ)
Radiation characteristic


Similar Part No. - LOPT672-M

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LOPT670 OSRAM-LOPT670 Datasheet
84Kb / 9P
   Multi TOPLED
logo
Siemens Semiconductor G...
LOPT670-FJ SIEMENS-LOPT670-FJ Datasheet
491Kb / 8P
   Multi TOPLED
LOPT670-G SIEMENS-LOPT670-G Datasheet
491Kb / 8P
   Multi TOPLED
LOPT670-GK SIEMENS-LOPT670-GK Datasheet
491Kb / 8P
   Multi TOPLED
LOPT670-H SIEMENS-LOPT670-H Datasheet
491Kb / 8P
   Multi TOPLED
More results

Similar Description - LOPT672-M

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LSST672 SIEMENS-LSST672 Datasheet
464Kb / 8P
   Super Multi TOPLED High-Current LED
LST672 SIEMENS-LST672 Datasheet
471Kb / 8P
   Super TOPLED High-Current LED
logo
OSRAM GmbH
LST672 OSRAM-LST672 Datasheet
185Kb / 8P
   Super TOPLED / High-Current LED
logo
Siemens Semiconductor G...
LSST670 SIEMENS-LSST670 Datasheet
490Kb / 8P
   Multi TOPLED
logo
OSRAM GmbH
LSGT670 OSRAM-LSGT670 Datasheet
84Kb / 9P
   Multi TOPLED
logo
Siemens Semiconductor G...
LSPBT670 SIEMENS-LSPBT670 Datasheet
663Kb / 9P
   Multi TOPLED
logo
OSRAM GmbH
LSGT67K OSRAM-LSGT67K Datasheet
550Kb / 18P
   Multi TOPLED
logo
Siemens Semiconductor G...
LST679 SIEMENS-LST679 Datasheet
431Kb / 7P
   LC TOPLED Low Current LED
logo
OSRAM GmbH
LATBT686 OSRAM-LATBT686 Datasheet
239Kb / 17P
   Hyper Multi TOPLED Hyper-Bright LED
logo
Siemens Semiconductor G...
LSGT670 SIEMENS-LSGT670 Datasheet
491Kb / 8P
   Multi TOPLED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com