Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF7963A Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TRF7963A
Description  FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC FOR ISO14443A,B/NFC STANDARDS
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF7963A Datasheet(HTML) 10 Page - Texas Instruments

Back Button TRF7963A Datasheet HTML 6Page - Texas Instruments TRF7963A Datasheet HTML 7Page - Texas Instruments TRF7963A Datasheet HTML 8Page - Texas Instruments TRF7963A Datasheet HTML 9Page - Texas Instruments TRF7963A Datasheet HTML 10Page - Texas Instruments TRF7963A Datasheet HTML 11Page - Texas Instruments TRF7963A Datasheet HTML 12Page - Texas Instruments TRF7963A Datasheet HTML 13Page - Texas Instruments TRF7963A Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 62 page
background image
TRF7963A
SLOS758
– DECEMBER 2011
www.ti.com
4
Application Schematic and Layout Considerations
4.1
TRF7963A Reader System Using Parallel Microcontroller Interface
4.1.1
General Application Considerations
Figure 4-1 shows the most flexible TRF7963A application. Due to the low clock frequency on the
DATA_CLK line, the parallel interface is the most robust way to connect the TRF7963A with the MCU.
This schematic shows matching to a 50-
Ω port, which allows connection to a properly matched 50-Ω
antenna circuit or RF measurement equipment (for example, a spectrum analyzer or power meter).
4.1.2
Schematic
Figure 4-1 shows a sample application schematic with a parallel interface to the MCU.
Figure 4-1. Application Schematic, Parallel MCU Interface
The MSP430F2370 (32kB flash, 2kB RAM) is shown in Figure 4-1. Minimum MCU requirements depend
on application requirements and coding style. If only one ISO protocol and/or a limited command set of a
protocol must be supported, MCU flash and RAM requirements can be significantly reduced. For example,
current reference firmware for ISO14443A/B (with host interface) is approximately 8kB, using 1kB RAM.
An MCU that is capable of running a GPIO at 13.56 MHz is required for Direct Mode 0 operations with
nonstandard transponders.
10
Application Schematic and Layout Considerations
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TRF7963A


Similar Part No. - TRF7963A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF7963A TI-TRF7963A Datasheet
2Mb / 63P
[Old version datasheet]   FULLY INTEGRATED 13.56-MHz RFID EADER/WRITER FOR ISO14443A,B/NFC STANDARDS
TRF7963A TI1-TRF7963A Datasheet
806Kb / 7P
[Old version datasheet]   HF-RFID Reader Layout Design Guide
TRF7963ARHBR TI-TRF7963ARHBR Datasheet
2Mb / 63P
[Old version datasheet]   FULLY INTEGRATED 13.56-MHz RFID EADER/WRITER FOR ISO14443A,B/NFC STANDARDS
TRF7963ARHBT TI-TRF7963ARHBT Datasheet
2Mb / 63P
[Old version datasheet]   FULLY INTEGRATED 13.56-MHz RFID EADER/WRITER FOR ISO14443A,B/NFC STANDARDS
More results

Similar Description - TRF7963A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF7963ARHBR TI-TRF7963ARHBR Datasheet
2Mb / 63P
[Old version datasheet]   FULLY INTEGRATED 13.56-MHz RFID EADER/WRITER FOR ISO14443A,B/NFC STANDARDS
TRF7962A TI-TRF7962A Datasheet
2Mb / 63P
[Old version datasheet]   FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC FOR ISO15693/ISO18000-3 STANDARDS
TRF7964A TI1-TRF7964A Datasheet
2Mb / 76P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC
TRF7960A TI-TRF7960A Datasheet
2Mb / 68P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC
logo
ams AG
AS3909 AMSCO-AS3909 Datasheet
576Kb / 77P
   13.56 MHz RFID Reader IC, ISO-14443 A/B
AS3910 AMSCO-AS3910 Datasheet
1Mb / 47P
   13.56 MHz RFID Reader IC, ISO-14443 A/B
logo
Texas Instruments
TRF7970A TI1-TRF7970A_14 Datasheet
2Mb / 87P
[Old version datasheet]   Multiprotocol Fully Integrated 13.56-MHz RFID and Near Field Communication (NFC) Transceiver IC
TRF7970A TI-TRF7970A Datasheet
3Mb / 85P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID/NEAR FIELD COMMUNICATION (NFC) TRANSCEIVER IC
logo
Omron Electronics LLC
V680-CH1D OMRON-V680-CH1D Datasheet
1Mb / 2P
   V680 RFID Handheld Reader Writer
logo
Schneider Electric
XGW4F111 SCHNEIDER-XGW4F111 Datasheet
73Kb / 2P
   OsiSense XG RFID Wand reader - 13.56 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com