Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF7962ARHBT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TRF7962ARHBT
Description  FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC FOR ISO15693/ISO18000-3 STANDARDS
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF7962ARHBT Datasheet(HTML) 1 Page - Texas Instruments

  TRF7962ARHBT Datasheet HTML 1Page - Texas Instruments TRF7962ARHBT Datasheet HTML 2Page - Texas Instruments TRF7962ARHBT Datasheet HTML 3Page - Texas Instruments TRF7962ARHBT Datasheet HTML 4Page - Texas Instruments TRF7962ARHBT Datasheet HTML 5Page - Texas Instruments TRF7962ARHBT Datasheet HTML 6Page - Texas Instruments TRF7962ARHBT Datasheet HTML 7Page - Texas Instruments TRF7962ARHBT Datasheet HTML 8Page - Texas Instruments TRF7962ARHBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
TRF7962A
www.ti.com
SLOS757
– DECEMBER 2011
FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC
FOR ISO15693/ISO18000-3 STANDARDS
Check for Samples: TRF7962A
1
Introduction
1.1
Features
123
• Completely Integrated Protocol Handling for
• Dual Receiver Architecture With RSSI for
ISO15693 and ISO18000-3
Elimination of "Read Holes" and Adjacent
Reader System/Ambient In-Band Noise
• Input Voltage Range: 2.7 VDC to 5.5 VDC
Detection
• Programmable Output Power:
• Programmable Power Modes for Ultra-Low
+20 dBm (100 mW) or +23 dBm (200 mW)
Power System Design (Power Down
<0.5 µA)
• Programmable I/O Voltage Levels:
• Parallel or SPI Interface
1.8 VDC to 5.5 VDC
• Integrated Voltage Regulator for
• Programmable System Clock Frequency
Microcontroller Supply
Output (RF, RF/2, RF/4)
• Temperature Range: -25°C to 85°C
• Programmable Modulation Depth
• 32-Pin QFN Package (5 mm x 5 mm) (RHB)
1.2
Applications
Product Authentication
Access Control
Digital Door Lock
Library Management
Medical Systems
Remote Sensor Applications
1.3
Description
The TRF7962A is an integrated analog front end and data-framing device for a 13.56-MHz RFID
reader/writer system. Built-in programming options make it suitable for a wide range of applications for
vicinity identification systems.
The reader is configured by selecting the desired protocol in the control registers. Direct access to all
control registers allows fine tuning of various reader parameters as needed.
Comprehensive documentation, reference designs, evaluation modules, and TI microcontrollers (based on
MSP430
™ or ARM™ technology) source code are available.
The TRF7962A is a high-performance 13.56-MHz HF RFID reader IC comprising an integrated analog
front end (AFE) and a built-in data framing engine for ISO15693 with all framing and synchronization tasks
on board (in ISO Mode, default). This architecture enables the customer to build a complete and
cost-effective yet high-performance HF RFID reader/writer using a low-cost microcontroller (for example,
an MSP430).
Other standards and even custom protocols can be implemented by using two of the Direct Modes the
device offers. These Direct Modes (0 and 1) allow the user to fully control the analog front end (AFE) and
also gain access to the raw subcarrier data or the unframed, but already ISO formatted data and the
associated (extracted) clock signal.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
MSP430 is a trademark of Texas Instruments.
3
ARM is a trademark of ARM Limited.
PRODUCTION DATA information is current as of publication date. Products conform to
Copyright
© 2011, Texas Instruments Incorporated
specifications per the terms of the Texas Instruments standard warranty. Production
processing does not necessarily include testing of all parameters.


Similar Part No. - TRF7962ARHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF7962A TI1-TRF7962A Datasheet
806Kb / 7P
[Old version datasheet]   HF-RFID Reader Layout Design Guide
More results

Similar Description - TRF7962ARHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF7963A TI-TRF7963A Datasheet
2Mb / 62P
[Old version datasheet]   FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC FOR ISO14443A,B/NFC STANDARDS
TRF7964A TI1-TRF7964A Datasheet
2Mb / 76P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC
TRF7960A TI-TRF7960A Datasheet
2Mb / 68P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC
TRF7963ARHBR TI-TRF7963ARHBR Datasheet
2Mb / 63P
[Old version datasheet]   FULLY INTEGRATED 13.56-MHz RFID EADER/WRITER FOR ISO14443A,B/NFC STANDARDS
logo
ams AG
AS3909 AMSCO-AS3909 Datasheet
576Kb / 77P
   13.56 MHz RFID Reader IC, ISO-14443 A/B
AS3910 AMSCO-AS3910 Datasheet
1Mb / 47P
   13.56 MHz RFID Reader IC, ISO-14443 A/B
logo
Omron Electronics LLC
V680-CH1D OMRON-V680-CH1D Datasheet
1Mb / 2P
   V680 RFID Handheld Reader Writer
logo
Schneider Electric
XGW4F111 SCHNEIDER-XGW4F111 Datasheet
73Kb / 2P
   OsiSense XG RFID Wand reader - 13.56 MHz
logo
Texas Instruments
TRF7960 TI1-TRF7960_17 Datasheet
1Mb / 54P
[Old version datasheet]   Multiple-Standard Fully Integrated 13.56-MHz RFID Analog Front End and Data-Framing Reader System
TRF7960 TI-TRF7960_12 Datasheet
1Mb / 51P
[Old version datasheet]   MULTI-STANDARD FULLY INTEGRATED 13.56-MHZ RFID ANALOG FRONT END AND DATA-FRAMING READER SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com