Electronic Components Datasheet Search |
|
TRF7960ARHBT Datasheet(PDF) 3 Page - Texas Instruments |
|
|
TRF7960ARHBT Datasheet(HTML) 3 Page - Texas Instruments |
3 / 68 page TRF7960A MCU (MSP430/ARM) Matching VDD_X VDD_I/O TX_OUT RX_IN 1 RX_IN 2 VSS VIN Parallel or SPI Supply 2.7 V to 5.5 V VDD V DD Crystal 13.56 MHz XIN TRF7960A www.ti.com SLOS732 – JUNE 2011 Figure 1-2. Application Block Diagram The transmitter supports OOK and ASK modulation with selectable modulation depth. The TRF7960A includes a data transmission engine that supports low-level encoding for ISO-15693 and modified Miller encoding for ISO14443A/B and FeliCa. Included with the transmit data coding is the automatic generation of Start Of Frame (SOF), End Of Frame (EOF), Cyclic Redundancy Check (CRC), and parity bits. Several integrated voltage regulators ensure a proper power-supply noise rejection for the complete reader system. The built-in programmable auxiliary voltage regulator VDD_X (pin 32) delivers up to 20 mA to supply a microcontroller and additional external circuits within the reader system. Table 1-1. Supported Protocols Supported Protocols Device ISO14443A/B ISO-18000-3 NFC Forum ISO-15693 Mode 1 Types 1 to 4 106 kbps 212 kbps 424 kbps 848 kbps TRF7960A ✓ ✓ ✓ ✓ ✓ ✓ ✓ 1.4 Ordering Information Packaged Devices(1) Package Type(2) Transport Media Quantity TRF7960ARHBT 250 RHB-32 Tape and Reel TRF7960ARHBR 3000 (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI Web site at www.ti.com. (2) Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. Copyright © 2011, Texas Instruments Incorporated Introduction 3 Submit Documentation Feedback Product Folder Link(s): TRF7960A |
Similar Part No. - TRF7960ARHBT |
|
Similar Description - TRF7960ARHBT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |