Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF1600DRVR Datasheet(PDF) 3 Page - Texas Instruments

Part # TRF1600DRVR
Description  TRUE RMS RF POWER DETECTOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF1600DRVR Datasheet(HTML) 3 Page - Texas Instruments

  TRF1600DRVR Datasheet HTML 1Page - Texas Instruments TRF1600DRVR Datasheet HTML 2Page - Texas Instruments TRF1600DRVR Datasheet HTML 3Page - Texas Instruments TRF1600DRVR Datasheet HTML 4Page - Texas Instruments TRF1600DRVR Datasheet HTML 5Page - Texas Instruments TRF1600DRVR Datasheet HTML 6Page - Texas Instruments TRF1600DRVR Datasheet HTML 7Page - Texas Instruments TRF1600DRVR Datasheet HTML 8Page - Texas Instruments TRF1600DRVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
1
2
3
4
5
6
RFIN
GND
VOUT
CF
EN
VBAT
TRF1600
www.ti.com
SPAS094A
– FEBRUARY 2010 – REVISED MAY 2011
PINOUT
Table 2. TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
RFIN
1
I
RF input
GND
2
Ground
VOUT
3
O
Output of the device
CF
4
I
Filter capacitor. Pin needs to be connected to an off-chip filter capacitor in the application.
EN
5
I
Enable pin/Vprog
VBAT
6
Input supply pin to the device
Copyright
© 2010–2011, Texas Instruments Incorporated
3


Similar Part No. - TRF1600DRVR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRF10-010V15-EF ETC-TRF10-010V15-EF Datasheet
249Kb / 6P
   Lead Free SMD Resettable Fuse
TRF10-020V09-EF ETC-TRF10-020V09-EF Datasheet
249Kb / 6P
   Lead Free SMD Resettable Fuse
TRF10-035V06-EF ETC-TRF10-035V06-EF Datasheet
249Kb / 6P
   Lead Free SMD Resettable Fuse
TRF10-050V06-EF ETC-TRF10-050V06-EF Datasheet
249Kb / 6P
   Lead Free SMD Resettable Fuse
TRF10-075V06-EF ETC-TRF10-075V06-EF Datasheet
249Kb / 6P
   Lead Free SMD Resettable Fuse
More results

Similar Description - TRF1600DRVR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DBX2252 ETC-DBX2252 Datasheet
175Kb / 2P
   TRUE RMS LEVEL DETECTOR
logo
Maxim Integrated Produc...
MAX2203 MAXIM-MAX2203 Datasheet
911Kb / 7P
   RMS Power Detector
Rev 0; 10/09
MAX2202 MAXIM-MAX2202 Datasheet
980Kb / 8P
   RMS Power Detector
Rev 1; 2/11
logo
List of Unclassifed Man...
AM-530 ETC2-AM-530 Datasheet
621Kb / 2P
   True-rms Electrical True-rms Contractor Multimeter
logo
Analog Devices
HMC1030LP5E AD-HMC1030LP5E Datasheet
4Mb / 38P
   DUAL RMS POWER DETECTOR
HMC1010LP4E AD-HMC1010LP4E Datasheet
2Mb / 24P
   RMS POWER DETECTOR DC
logo
Extech Instruments Corp...
EX205T EXTECH-EX205T Datasheet
215Kb / 1P
   True RMS MultiMeters
logo
Fluke Corporation
8060A FLUKE-8060A Datasheet
5Mb / 140P
   True-rms Multimeter
logo
National Instruments Co...
USB-5680 NI-USB-5680 Datasheet
427Kb / 4P
   True RMS power measurements/Diode power meter
logo
Analog Devices
HMC1021LP4E AD-HMC1021LP4E Datasheet
2Mb / 26P
   RMS POWER DETECTOR & ENVELOPE TRACKER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com