Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF1600DRVR Datasheet(PDF) 1 Page - Texas Instruments

Part # TRF1600DRVR
Description  TRUE RMS RF POWER DETECTOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF1600DRVR Datasheet(HTML) 1 Page - Texas Instruments

  TRF1600DRVR Datasheet HTML 1Page - Texas Instruments TRF1600DRVR Datasheet HTML 2Page - Texas Instruments TRF1600DRVR Datasheet HTML 3Page - Texas Instruments TRF1600DRVR Datasheet HTML 4Page - Texas Instruments TRF1600DRVR Datasheet HTML 5Page - Texas Instruments TRF1600DRVR Datasheet HTML 6Page - Texas Instruments TRF1600DRVR Datasheet HTML 7Page - Texas Instruments TRF1600DRVR Datasheet HTML 8Page - Texas Instruments TRF1600DRVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TRF1600
www.ti.com
SPAS094A
– FEBRUARY 2010 – REVISED MAY 2011
TRUE RMS RF POWER DETECTOR
Check for Samples: TRF1600
1
FEATURES
Operating Temperature Range:
–20ºC to 85ºC
RF True RMS Power Detector
Small 2-mm x 2-mm QFN 6 Pin Package
RMS to DC Conversion Up to 2 GHz
Waveform and Modulation Independent
APPLICATIONS
(CW, GSM, WCDMA, TDMA, HSUPA)
Cellular Handsets (GSM, CDMA, TDMA)
Linear-In-dB Output
Power Amplifier Control Loops
Input Dynamic Range of 28 dB
Transmitter Power Measurement and Control
(
–29 dBm to –1 dBm)
External Input Pin
6.7-mA Typical Operating Current
5-
µA Maximum Shutdown Current
DESCRIPTION
The TRF1600 is a true RMS power detector with a 28-dB dynamic input range and a linear-to-dB DC output. It is
intended for use in wireless handheld devices such as cell phones and PDAs to measure and control PA output
power accurately independent of the modulation scheme.
The device is designed to operate off of a lithium-ion battery (2.7 V to 5.5 V, 6 V tolerant) or a regulated supply.
A low input signal at the enable pin puts the device in shut-down mode and supply current consumption is
reduced to
<5 µA. When asserted high the device enters active mode and outputs a DC voltage proportional to
the RMS value of the input power expressed in dBm.
Table 1. ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
–20ºC to 85ºC
DRV
TRF1600DRVR
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2010–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TRF1600DRVR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRF10-010V15-EF ETC-TRF10-010V15-EF Datasheet
249Kb / 6P
   Lead Free SMD Resettable Fuse
TRF10-020V09-EF ETC-TRF10-020V09-EF Datasheet
249Kb / 6P
   Lead Free SMD Resettable Fuse
TRF10-035V06-EF ETC-TRF10-035V06-EF Datasheet
249Kb / 6P
   Lead Free SMD Resettable Fuse
TRF10-050V06-EF ETC-TRF10-050V06-EF Datasheet
249Kb / 6P
   Lead Free SMD Resettable Fuse
TRF10-075V06-EF ETC-TRF10-075V06-EF Datasheet
249Kb / 6P
   Lead Free SMD Resettable Fuse
More results

Similar Description - TRF1600DRVR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DBX2252 ETC-DBX2252 Datasheet
175Kb / 2P
   TRUE RMS LEVEL DETECTOR
logo
Maxim Integrated Produc...
MAX2203 MAXIM-MAX2203 Datasheet
911Kb / 7P
   RMS Power Detector
Rev 0; 10/09
MAX2202 MAXIM-MAX2202 Datasheet
980Kb / 8P
   RMS Power Detector
Rev 1; 2/11
logo
List of Unclassifed Man...
AM-530 ETC2-AM-530 Datasheet
621Kb / 2P
   True-rms Electrical True-rms Contractor Multimeter
logo
Analog Devices
HMC1030LP5E AD-HMC1030LP5E Datasheet
4Mb / 38P
   DUAL RMS POWER DETECTOR
HMC1010LP4E AD-HMC1010LP4E Datasheet
2Mb / 24P
   RMS POWER DETECTOR DC
logo
Extech Instruments Corp...
EX205T EXTECH-EX205T Datasheet
215Kb / 1P
   True RMS MultiMeters
logo
Fluke Corporation
8060A FLUKE-8060A Datasheet
5Mb / 140P
   True-rms Multimeter
logo
National Instruments Co...
USB-5680 NI-USB-5680 Datasheet
427Kb / 4P
   True RMS power measurements/Diode power meter
logo
Analog Devices
HMC1021LP4E AD-HMC1021LP4E Datasheet
2Mb / 26P
   RMS POWER DETECTOR & ENVELOPE TRACKER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com