Electronic Components Datasheet Search |
|
RI-I17-112A-03 Datasheet(PDF) 2 Page - Texas Instruments |
|
RI-I17-112A-03 Datasheet(HTML) 2 Page - Texas Instruments |
2 / 4 page RI-I17-112A-03 SCBS827A – OCTOBER 2004 – REVISED APRIL 2010 www.ti.com Table 1. SPECIFICATIONS(1) PART NUMBER RI-I17-112A-03 Supported standard ISO/IEC 15693-2, -3; ISO/IEC 18000-3 Recommended operating frequency 13.56 MHz 13.80 MHz ± 400 kHz (includes frequency offset to compensate further Passive resonance frequency (at 25°C) integration into paper or PVC lamination) Typical required activation field strength to read (at 25°C) 110 dBmA/m(2) Typical required activation field strength to write (at 25°C) 113 dBmA/m(2) Factory programmed read-only number 64 bits Memory (user programmable) 2k bits organized in 64-bit × 32-bit blocks Typical programming cycles (at 25°C) 100,000 Data retention time (at 55°C) >10 years Simultaneous identification of tags Up to 50 tags per second (reader/antenna dependent) Outer diameter: ø 32.5 mm + 0.1 mm/–0.2 mm (~1.28 in) Antenna size Inner diameter: min ø 18 mm (~0.7 in) Foil width 48 mm ± 0.5 mm (1.89 in ± 0.02 in) Foil pitch 50.8 mm +0.1 mm/–0.4 mm (2 in) Chip area: 0.34 mm ±0.02 Thickness Antenna area (Al both sides): 0.085 mm ±0.01 Antenna area (Al one side): 0.075 mm ±0.008 Base material Substrate: PET (polyethylenetherephtalate); Antenna: aluminum Smallest bending radius allowed 18 mm (~0.71 in) Operating temperature –25°C to 70°C Storage temperature (single inlay) –40°C to 85°C (warpage may occur at upper temperature range) Storage temperature (on reel) –40°C to 40°C Single-row tape wound on cardboard reel with 500-mm diameter Reel outer width: approximately 60 mm (~2.36 in) Delivery Reel inner width: approximately 50 mm (~1.97 in) Hub diameter: 76.2 mm (3 in) Typical quantity of good units per reel 5,000 (1) For highest possible read-out coverage, operate readers at a modulation depth of 20% or higher. (2) After integration into paper 2 Submit Documentation Feedback Copyright © 2004–2010, Texas Instruments Incorporated Product Folder Link(s): RI-I17-112A-03 |
Similar Part No. - RI-I17-112A-03 |
|
Similar Description - RI-I17-112A-03 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |