Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2571 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CC2571
Description  1- and 8-Channel ANT??RF Network Processors
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2571 Datasheet(HTML) 2 Page - Texas Instruments

  CC2571 Datasheet HTML 1Page - Texas Instruments CC2571 Datasheet HTML 2Page - Texas Instruments CC2571 Datasheet HTML 3Page - Texas Instruments CC2571 Datasheet HTML 4Page - Texas Instruments CC2571 Datasheet HTML 5Page - Texas Instruments CC2571 Datasheet HTML 6Page - Texas Instruments CC2571 Datasheet HTML 7Page - Texas Instruments CC2571 Datasheet HTML 8Page - Texas Instruments CC2571 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
CC2570
CC2571
SWRS095A
– FEBRUARY 2011 – REVISED MARCH 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
Supply voltage
All supply pins must have the same voltage
–0.3 to 3.9
V
Voltage on any digital pin
–0.3 to VDD + 0.3, ≤ 3.9
V
Input RF level
10
dBm
Storage temperature range
–40 to 125
°C
All pads, according to human-body model,
2
kV
JEDEC STD 22, method A114
ESD
According to charged-device model, JEDEC
500
V
STD 22, method C101
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
TA
Operating ambient temperature range
–40
85
°C
Operating supply voltage
2
3.6
V
ELECTRICAL CHARACTERISTICS
Measured on CC2570/71 reference design with TA = 25°C and VDD = 3 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RX current consumption
23.7
mA
TX current consumption,
–6-dBm output power
25.9
mA
TX current consumption, 0-dBm output power
28.8
mA
I
Current consumption
TX current consumption, 4-dBm output power
34.3
mA
Power-down current, 32-kHz oscillator active
1
µA
Power-down current, 32-kHz oscillator disabled
0.5
µA
GENERAL CHARACTERISTICS
Measured on CC2570/71 reference design with TA = 25°C and VDD = 3 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RADIO PART
RF frequency range
Programmable in 1-MHz steps
2400
2495
MHz
Data rate and modulation format
1 Mbps, GFSK, 160-kHz deviation
2
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): CC2570 CC2571


Similar Part No. - CC2571

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2571 TI1-CC2571 Datasheet
645Kb / 32P
[Old version datasheet]   1- and 8-Channel ANT??RF Network Processors
CC2571RHAR TI1-CC2571RHAR Datasheet
645Kb / 32P
[Old version datasheet]   1- and 8-Channel ANT??RF Network Processors
CC2571RHAT TI1-CC2571RHAT Datasheet
645Kb / 32P
[Old version datasheet]   1- and 8-Channel ANT??RF Network Processors
More results

Similar Description - CC2571

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2570 TI1-CC2570_11 Datasheet
645Kb / 32P
[Old version datasheet]   1- and 8-Channel ANT??RF Network Processors
logo
Intel Corporation
IXP45X INTEL-IXP45X Datasheet
1Mb / 148P
   Product Line of Network Processors
logo
Nexperia B.V. All right...
PEMIXQFN NEXPERIA-PEMIXQFN Datasheet
1Mb / 30P
   Integrated 1-, 2-, 4-, 6- and 8-channel passive filter network with ESD protection
logo
List of Unclassifed Man...
NRF24AP2 ETC1-NRF24AP2 Datasheet
698Kb / 44P
   Single-chip ANT ultra-low power wireless network solution
logo
Advantech Co., Ltd.
FWA-3034 ADVANTECH-FWA-3034 Datasheet
955Kb / 3P
   1U Network Appliance with 12th Gen Intel® Core Processors for Network Security and Management
31-Jan-2023
logo
Intel Corporation
NHIXP435AD INTEL-NHIXP435AD Datasheet
252Kb / 24P
   Intel IXP43X Product Line of Network Processors
logo
PHOENIX CONTACT
2867610 PHOENIX-2867610 Datasheet
76Kb / 3P
   RAD-ISM-2400-ANT-PAN- 8-0
logo
Zarlink Semiconductor I...
ZL50110 ZARLINK-ZL50110_06 Datasheet
1Mb / 103P
   128, 256 and 1024 Channel CESoP Processors
logo
Intel Corporation
252479-007US INTEL-252479-007US Datasheet
2Mb / 128P
   Intel IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
logo
Zarlink Semiconductor I...
ZL50119 ZARLINK-ZL50119 Datasheet
1Mb / 95P
   32, 64 and 128 Channel CESoP Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com