Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2571 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CC2571
Description  1- and 8-Channel ANT??RF Network Processors
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2571 Datasheet(HTML) 1 Page - Texas Instruments

  CC2571 Datasheet HTML 1Page - Texas Instruments CC2571 Datasheet HTML 2Page - Texas Instruments CC2571 Datasheet HTML 3Page - Texas Instruments CC2571 Datasheet HTML 4Page - Texas Instruments CC2571 Datasheet HTML 5Page - Texas Instruments CC2571 Datasheet HTML 6Page - Texas Instruments CC2571 Datasheet HTML 7Page - Texas Instruments CC2571 Datasheet HTML 8Page - Texas Instruments CC2571 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
CC2570
CC2571
www.ti.com
SWRS095A
– FEBRUARY 2011 – REVISED MARCH 2011
1- and 8-Channel ANT
™ RF Network Processors
Check for Samples: CC2570, CC2571
1
FEATURES
– CC2570 Supports One ANT Channel
– CC2571 Supports Eight ANT Channels
2
RF Section
– Support for Both Public, Private and
– Single-Chip 2.4-GHz Radio, Including
Managed ANT Networks
Embedded ANT Protocol
– Support for High-Resolution Proximity
– Excellent Link Budget, Enabling Long
Pairing
Range Without External Front-Ends
– Excellent Output Power (4 dBm)
APPLICATIONS
– Suitable for Systems Targeting Compliance
Sports and Fitness Equipment
With Worldwide Radio Frequency
Regulations: ETSI EN 300 328 and EN 300
Health and Medical Equipment
440 Class 2 (Europe), FCC CFR47 Part 15
Consumer Health Devices
(US), and ARIB STD-T66 (Japan)
Consumer Electronics
– Accurate Full-Range RSSI Function,
Especially Suited for Accurate Proximity
DESCRIPTION
Pairing
The CC2570 and CC2571 are ANT RF network
Layout
processors
that
implement
the
easy-to-use,
power-efficient ANT protocol. The CC2570 supports
– Few External Components
one ANT channel, whereas the CC2571 supports
– Reference Designs Available
eight
ANT
channels.
The
CC2570/71
can
be
– 40-Pin, 6-mm × 6-mm QFN Package
connected to a host MCU (such as an MSP430)
through a UART or SPI serial interface and accessed
Low Power
through a set of API calls. The majority of the ANT
– Powered Down With Low-Power Timer:
protocol is built into the CC2570/71, including the
1
µA
ANT-FS file system functionality; only the application
– Powered Down Without Timer: 0.5 µA
and profile layers must reside on the host MCU, thus
keeping host MCU memory requirements to a
– Wide Supply Voltage Range (2 V–3.6 V)
minimum.
ANT Protocol Support
The ANT protocol has been designed to be very
– Fully Compatible With the ANT and ANT+™
power-efficient, yet is flexible enough to support
Protocols and Existing ANT Devices
various
network
topologies
(point-to-point,
star,
– Built-In ANT-FS™ Support
connected star, 1-to-N, and N-to-1) and data transfer
– Easy Connection to Host MCU Through
modes
(broadcast,
acknowledged,
burst
data
transfer).
Each
logical
ANT
channel
can
be
Asynchronous or Synchronous Serial
independently configured for one-way or two-way
Interface
operation,
depending
on
requirements
of
the
application.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
ANT, ANT-FS are trademarks of Dynastream Innovations Inc.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CC2571

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2571 TI1-CC2571 Datasheet
645Kb / 32P
[Old version datasheet]   1- and 8-Channel ANT??RF Network Processors
CC2571RHAR TI1-CC2571RHAR Datasheet
645Kb / 32P
[Old version datasheet]   1- and 8-Channel ANT??RF Network Processors
CC2571RHAT TI1-CC2571RHAT Datasheet
645Kb / 32P
[Old version datasheet]   1- and 8-Channel ANT??RF Network Processors
More results

Similar Description - CC2571

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2570 TI1-CC2570_11 Datasheet
645Kb / 32P
[Old version datasheet]   1- and 8-Channel ANT??RF Network Processors
logo
Intel Corporation
IXP45X INTEL-IXP45X Datasheet
1Mb / 148P
   Product Line of Network Processors
logo
Nexperia B.V. All right...
PEMIXQFN NEXPERIA-PEMIXQFN Datasheet
1Mb / 30P
   Integrated 1-, 2-, 4-, 6- and 8-channel passive filter network with ESD protection
logo
List of Unclassifed Man...
NRF24AP2 ETC1-NRF24AP2 Datasheet
698Kb / 44P
   Single-chip ANT ultra-low power wireless network solution
logo
Advantech Co., Ltd.
FWA-3034 ADVANTECH-FWA-3034 Datasheet
955Kb / 3P
   1U Network Appliance with 12th Gen Intel® Core Processors for Network Security and Management
31-Jan-2023
logo
Intel Corporation
NHIXP435AD INTEL-NHIXP435AD Datasheet
252Kb / 24P
   Intel IXP43X Product Line of Network Processors
logo
PHOENIX CONTACT
2867610 PHOENIX-2867610 Datasheet
76Kb / 3P
   RAD-ISM-2400-ANT-PAN- 8-0
logo
Zarlink Semiconductor I...
ZL50110 ZARLINK-ZL50110_06 Datasheet
1Mb / 103P
   128, 256 and 1024 Channel CESoP Processors
logo
Intel Corporation
252479-007US INTEL-252479-007US Datasheet
2Mb / 128P
   Intel IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
logo
Zarlink Semiconductor I...
ZL50119 ZARLINK-ZL50119 Datasheet
1Mb / 95P
   32, 64 and 128 Channel CESoP Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com