Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2550RTK Datasheet(PDF) 9 Page - Texas Instruments

Part # CC2550RTK
Description  Low-Cost Low-Power 2.4 GHz RF Transmitter
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2550RTK Datasheet(HTML) 9 Page - Texas Instruments

Back Button CC2550RTK Datasheet HTML 5Page - Texas Instruments CC2550RTK Datasheet HTML 6Page - Texas Instruments CC2550RTK Datasheet HTML 7Page - Texas Instruments CC2550RTK Datasheet HTML 8Page - Texas Instruments CC2550RTK Datasheet HTML 9Page - Texas Instruments CC2550RTK Datasheet HTML 10Page - Texas Instruments CC2550RTK Datasheet HTML 11Page - Texas Instruments CC2550RTK Datasheet HTML 12Page - Texas Instruments CC2550RTK Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 59 page
background image
CC2550
SWRS039B
Page 9 of 58
5
Pin Configuration
GND
Exposed die
attach pad
5
6
7
8
9CSn
10 RF_P
11 RF_N
12 AVDD
13
14
15
16
1
SCLK
2
SO (GDO1)
3
DVDD
4
DCOUPL
Figure 1: Pinout Top View
Note: The exposed die attach pad must be connected to a solid ground plane as this is the main
ground connection for the chip.
Pin #
Pin Name
Pin Type
Description
1
SCLK
Digital Input
Serial configuration interface, clock input
2
SO
(GDO1)
Digital Output
Serial configuration interface, data output.
Optional general output pin when CSn is high
3
DVDD
Power (Digital)
1.8 - 3.6 V digital power supply for digital I/O’s and for the digital core
voltage regulator
4
DCOUPL
Power (Digital)
1.6 - 2.0 V digital power supply output for decoupling.
NOTE: This pin is intended for use with the
CC2550 only. It can not be
used to provide supply voltage to other devices.
5
XOSC_Q1
Analog I/O
Crystal oscillator pin 1, or external clock input
6
AVDD
Power (Analog)
1.8 - 3.6 V analog power supply connection
7
XOSC_Q2
Analog I/O
Crystal oscillator pin 2
8
GDO0
(ATEST)
Digital I/O
Digital output pin for general use:
• Test signals
• FIFO status signals
• Clock output, down-divided from XOSC
• Serial input TX data
Also used as analog test I/O for prototype/production testing
9
CSn
Digital Input
Serial configuration interface, chip select
10
RF_P
RF Output
Positive RF output signal from PA
11
RF_N
RF Output
Negative RF output signal from PA
12
AVDD
Power (Analog)
1.8 - 3.6 V analog power supply connection
13
AVDD
Power (Analog)
1.8 - 3.6 V analog power supply connection
14
RBIAS
Analog I/O
External bias resistor for reference current
15
DGUARD
Power (Digital)
Power supply connection for digital noise isolation
16
SI
Digital Input
Serial configuration interface, data input
Table 11: Pinout Overview


Similar Part No. - CC2550RTK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2550RTK TI-CC2550RTK Datasheet
672Kb / 55P
[Old version datasheet]   Single Chip Low Cost Low Power RF Transmitter
CC2550RTK TI1-CC2550RTK Datasheet
1Mb / 61P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transmitter
CC2550RTKR TI-CC2550RTKR Datasheet
672Kb / 55P
[Old version datasheet]   Single Chip Low Cost Low Power RF Transmitter
CC2550RTKR TI1-CC2550RTKR Datasheet
1Mb / 61P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transmitter
More results

Similar Description - CC2550RTK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2550RSTR TI1-CC2550RSTR Datasheet
1Mb / 61P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transmitter
CC2550 TI1-CC2550_13 Datasheet
1Mb / 61P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transmitter
CC2500 TI-CC2500_11 Datasheet
2Mb / 96P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transceiver
CC2500RGPR TI1-CC2500RGPR Datasheet
2Mb / 99P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transceiver
CC2550 TI-CC2550 Datasheet
882Kb / 50P
[Old version datasheet]   Single Chip Low Cost Low Power RF-Transmitter
CC2550 TI-CC2550_06 Datasheet
672Kb / 55P
[Old version datasheet]   Single Chip Low Cost Low Power RF Transmitter
CC1150 TI-CC1150 Datasheet
594Kb / 50P
[Old version datasheet]   Single Chip Low Cost Low Power RF-Transmitter
CC2400RSUR TI-CC2400RSUR Datasheet
756Kb / 84P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
CC2400 TI-CC2400_07 Datasheet
862Kb / 83P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
CC2400 TI-CC2400 Datasheet
955Kb / 84P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com