Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

78LXXMG-T9N-K Datasheet(PDF) 10 Page - Unisonic Technologies

Part # 78LXXMG-T9N-K
Description  3-TERMINAL 0.2A POSITIVE VOLTAGE REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78LXXMG-T9N-K Datasheet(HTML) 10 Page - Unisonic Technologies

Back Button 78LXXMG-T9N-K Datasheet HTML 2Page - Unisonic Technologies 78LXXMG-T9N-K Datasheet HTML 3Page - Unisonic Technologies 78LXXMG-T9N-K Datasheet HTML 4Page - Unisonic Technologies 78LXXMG-T9N-K Datasheet HTML 5Page - Unisonic Technologies 78LXXMG-T9N-K Datasheet HTML 6Page - Unisonic Technologies 78LXXMG-T9N-K Datasheet HTML 7Page - Unisonic Technologies 78LXXMG-T9N-K Datasheet HTML 8Page - Unisonic Technologies 78LXXMG-T9N-K Datasheet HTML 9Page - Unisonic Technologies 78LXXMG-T9N-K Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
78LXXM
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
10 of 10
www.unisonic.com.tw
QW-R101-002,I
TYPICAL CHARACTERISTICS(Cont.)
Fig.9 Peak Output Current
vs Dropout Voltage Difference
Input-Output Voltage Difference(V)
0
1020
3040
100
200
300
400
(TJ=25°C)
(TJ=0°C)
(TJ=150°C)
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - 78LXXMG-T9N-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
78LXXMG-T9N-K UTC-78LXXMG-T9N-K Datasheet
317Kb / 10P
   3-TERMINAL 0.2A POSITIVE VOLTAGE REGULATOR
78LXXMG-T9N-K UTC-78LXXMG-T9N-K Datasheet
280Kb / 8P
   3-TERMINAL 0.2A POSITIVE VOLTAGE REGULATOR
78LXXMG-T9N-K UTC-78LXXMG-T9N-K Datasheet
271Kb / 8P
   3-TERMINAL 0.2A POSITIVE VOLTAGE REGULATOR
More results

Similar Description - 78LXXMG-T9N-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
78LXXM UTC-78LXXM_V01 Datasheet
271Kb / 8P
   3-TERMINAL 0.2A POSITIVE VOLTAGE REGULATOR
78LXXM UTC-78LXXM_17 Datasheet
204Kb / 8P
   3-TERMINAL 0.2A POSITIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
78LXXM ETL-78LXXM Datasheet
330Kb / 9P
   3-TERMINAL 0.2A POSITIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
78LXXM UTC-78LXXM_10 Datasheet
317Kb / 10P
   3-TERMINAL 0.2A POSITIVE VOLTAGE REGULATOR
78LXXM UTC-78LXXM_15 Datasheet
280Kb / 8P
   3-TERMINAL 0.2A POSITIVE VOLTAGE REGULATOR
logo
Hi-Sincerity Mocroelect...
H7805AE HSMC-H7805AE Datasheet
35Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AI HSMC-H7809AI Datasheet
37Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AJ HSMC-H7809AJ Datasheet
33Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Micro Electronics
ML7800 MICRO-ELECTRONICS-ML7800 Datasheet
431Kb / 11P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
GM78L12 ETC2-GM78L12 Datasheet
196Kb / 2P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com