Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

78MXXL-TA3-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 78MXXL-TA3-T
Description  3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78MXXL-TA3-T Datasheet(HTML) 2 Page - Unisonic Technologies

  78MXXL-TA3-T Datasheet HTML 1Page - Unisonic Technologies 78MXXL-TA3-T Datasheet HTML 2Page - Unisonic Technologies 78MXXL-TA3-T Datasheet HTML 3Page - Unisonic Technologies 78MXXL-TA3-T Datasheet HTML 4Page - Unisonic Technologies 78MXXL-TA3-T Datasheet HTML 5Page - Unisonic Technologies 78MXXL-TA3-T Datasheet HTML 6Page - Unisonic Technologies 78MXXL-TA3-T Datasheet HTML 7Page - Unisonic Technologies 78MXXL-TA3-T Datasheet HTML 8Page - Unisonic Technologies 78MXXL-TA3-T Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
78MXX
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 10
www.unisonic.com.tw
QW-R101-004,I
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
TO-220
TO-220F
12
3
UTC
78MXX
Date Code
L: Lead Free
G: Halogen Free
Lot Code
Voltage Code
TO-126
TO-126C
TO-92
05: 5V
06: 6V
08: 8V
09: 9V
12: 12V
15: 15V
18: 18V


Similar Part No. - 78MXXL-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
78MXXL-TA3-T UTC-78MXXL-TA3-T Datasheet
284Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
78MXXL-TA3-T ETL-78MXXL-TA3-T Datasheet
344Kb / 9P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
78MXXL-TA3-T UTC-78MXXL-TA3-T Datasheet
344Kb / 9P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
78MXXL-TA3-T UTC-78MXXL-TA3-T Datasheet
357Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
78MXXL-TA3-T UTC-78MXXL-TA3-T Datasheet
358Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
More results

Similar Description - 78MXXL-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
78MXX UTC-78MXX_09 Datasheet
284Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC78MXX FAIRCHILD-MC78MXX_09 Datasheet
278Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
KA78M05RTF FAIRCHILD-KA78M05RTF Datasheet
94Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
logo
Unisonic Technologies
78MXX UTC-78MXX_V01 Datasheet
357Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
78MXX ETL-78MXX Datasheet
344Kb / 9P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78MXX FAIRCHILD-KA78MXX_02 Datasheet
91Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
KA78MXX FAIRCHILD-KA78MXX Datasheet
81Kb / 16P
   3-terminal 0.5A positive voltage regulator
MC78MXX FAIRCHILD-MC78MXX Datasheet
88Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
logo
KODENSHI_AUK CORP.
SN78M05D KODENSHI-SN78M05D Datasheet
599Kb / 18P
   3 Terminal 0.5A Positive Voltage Regulator
logo
Fairchild Semiconductor
MC78MXX FAIRCHILD-MC78MXX Datasheet
419Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com