Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2520 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # CC2520
Description  2.4 GHZ IEEE 802.15.4/ZIGBEE짰 RF TRANSCEIVER
Download  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2520 Datasheet(HTML) 11 Page - Texas Instruments

Back Button CC2520 Datasheet HTML 7Page - Texas Instruments CC2520 Datasheet HTML 8Page - Texas Instruments CC2520 Datasheet HTML 9Page - Texas Instruments CC2520 Datasheet HTML 10Page - Texas Instruments CC2520 Datasheet HTML 11Page - Texas Instruments CC2520 Datasheet HTML 12Page - Texas Instruments CC2520 Datasheet HTML 13Page - Texas Instruments CC2520 Datasheet HTML 14Page - Texas Instruments CC2520 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 133 page
background image
CC2520 DATASHEET
2.4 GHZ IEEE 802.15.4/ZIGBEE® RF TRANSCEIVER
SWRS068 – DECEMBER 2007
WWW.TI.COM
11
5
Electrical Characteristics
Note that these characteristics are only valid when using the recommended register settings presented in
section 28.1.
5.1
Recommended Operating Conditions
PARAMETER
MIN
NOM
MAX
UNIT
Operating supply voltage
1.8
3.8
V
Ambient temperature
-40
125
°C
5.2
DC Characteristics
TA =25°C, VDD=3.0 V, fc=2440 MHz if nothing else stated. All parameters measured on Texas Instruments’ CC2520 EM 2.1 reference design with 50 Ω load
.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Logic "1" input voltage
Valid for all pads (both GPIOs and fixed-input pads)
80%
of VDD
Logic "0" input voltage
Valid for all pads (both GPIOs and fixed-input pads)
30%
of VDD
Input pad hysteresis
Only for fixed-input pads like RESET_N, CSn etc
0.5
V
Logic "0" input current
Input equals 0V
-25
25
nA
Logic "1" input current
Input equals VDD
-25
25
nA
5.3
Wake-Up and Timing
TA =25°C, VDD=3.0 V, fc =2440 MHz if nothing else stated. All parameters measured on Texas Instruments’ CC2520 EM 2.1 reference design with 50 Ω load
.
PARAMETER
COMMENTS
MIN
TYP
MAX
UNIT
LPM2
AM time
Internal regulator startup time + XOSC startup time
0.3
ms
LPM1
AM time
XOSC startup time
0.2
ms
AM
RX time
192
µs
AM
TX time
192
µs
RX/TX turnaround time
192
µs
TX/RX turnaround time
192
µs
Radio bit rate
250
kbps
Radio chip rate
2.0
MChip/s
5.4
Current Consumptions
TA =25°C, VDD=3.0 V, fc =2440 MHz if nothing else stated. All parameters measured on Texas Instruments’ CC2520 EM 2.1 reference design with 50 Ω load
.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Wait for sync
22.3
24.8
mA
TA=-40 to 125°C, VDD=1.8 to 3.8 V, fc =2394 to 2507 MHz
26.3
mA
Wait for sync, Low-current RX setting
18.8
mA
Receive current
Receving frame, -50 dBm input level
18.5
mA
0 dBm setting
25.8
28.8
mA
+5 dBm setting
33.6
37.2
mA
Transmit current
TA=-40 to 125°C, VDD=1.8 to 3.8 V, fc =2394 to 2507 MHz
37.5
mA
XOSC on, digital regulator on.
1.6
1.9
mA
Active Mode current
TA=-40 to 125°C, VDD=1.8 to 3.8 V, fc =2394 to 2507 MHz
2.6
mA


Similar Part No. - CC2520

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2520 TI-CC2520 Datasheet
2Mb / 134P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE짰 RF TRANSCEIVER
CC2520 TI-CC2520 Datasheet
2Mb / 133P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
CC2520 TI-CC2520 Datasheet
857Kb / 25P
[Old version datasheet]   SWRU197H?밪eptember 2010?밨evised April 2014
CC2520 TI1-CC2520 Datasheet
2Mb / 134P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
logo
ABC Taiwan Electronics ...
CC2520100K3 ABC-CC2520100K3 Datasheet
635Kb / 8P
   WOUND CHIP INDUCTOR
More results

Similar Description - CC2520

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2520 TI-CC2520_15 Datasheet
2Mb / 134P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE짰 RF TRANSCEIVER
CC2520 TI-CC2520 Datasheet
2Mb / 134P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE짰 RF TRANSCEIVER
logo
Microchip Technology
MRF24J40 MICROCHIP-MRF24J40_08 Datasheet
2Mb / 152P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2008
MRF24J40MB-I MICROCHIP-MRF24J40MB-I Datasheet
3Mb / 156P
   IEEE 802.15.4??2.4 GHz RF Transceiver
07/15/10
MRF24J40 MICROCHIP-MRF24J40_10 Datasheet
3Mb / 156P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2010
MRF24J40 MICROCHIP-MRF24J40 Datasheet
1Mb / 66P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2006
logo
Anaren Microwave
2530E24AZ1 ANAREN-2530E24AZ1 Datasheet
234Kb / 2P
   2.4-GHz IEEE 802.15.4 compliant RF transceiver
logo
Texas Instruments
CC2520 TI-CC2520_11 Datasheet
2Mb / 133P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
logo
Microchip Technology
MRF24J40 MICROCHIP-MRF24J40_V01 Datasheet
2Mb / 151P
   IEEE 802.15.4™ 2.4 GHz RF Transceiver
Revision E March 2021
logo
List of Unclassifed Man...
EM2420 ETC-EM2420 Datasheet
1Mb / 89P
   2.4 GHz IEEE 802.15.4 / ZigBee RF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com