Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPT80 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # LPT80
Description  NPN-Silizium-Fototransistor Silicon NPN Phototransistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LPT80 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  LPT80 Datasheet HTML 1Page - Siemens Semiconductor Group LPT80 Datasheet HTML 2Page - Siemens Semiconductor Group LPT80 Datasheet HTML 3Page - Siemens Semiconductor Group LPT80 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Semiconductor Group
4
1998-11-16
LPT 80 A
Directional characteristics
Srel = f (ϕ)
OHF00345
20˚
40˚
60˚
80˚
100˚
120˚
0.4
0.6
0.8
1.0
100˚
90˚
80˚
70˚
60˚
50˚
10˚
20˚
30˚
40˚
0
0.2
0.4
0.6
0.8
1.0
ϕ
Relative spectral sensitivity
Srel = f (λ)
Photocurrent
IPCE / IPCE25°= f (TA), VCE = 5 V
Dark current
ICE0= f (VCE), E = 0
λ
OHF01420
0
rel
S
400
10
20
30
40
50
60
70
80
%
100
500 600 700 800 900
nm 1100
T
OHF01524
A
0
-25
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
25
50
75
100
Ι
PCE
PCE
Ι
25
C
OHF00342
-2
R
Ι
0
10
CE
V
10
-1
10
0
10
1
nA
V
10
20
30
Photocurrent
IPCE = f (Ee) , VCE = 5 V
Dark current
ICE0= f (TA), VCE = 5 V, E = 0
Total power dissipation
Ptot = f (TA)
Capacitance
CCE = f (VCE), f = 1 MHz, E = 0
OHFD1422
-2
PCE
Ι
10
e
E
mA
10
1
10
0
10
-1
10
-3
-2
10
-1
10
0
10
mW/cm
2
L
K
J
H
10
-3
OHF00343
-1
CE0
Ι
0
10
10
4
nA
TA
˚C
25
50
75
100
10
3
10
2
10
1
10
0
0
0
Ι
F
OHR01425
20
40
60
80
C 100
25
50
75
100
mA
125
A
T
OHF00344
CE
C
CE
V
10
-2
V
0
pF
-1
10
0
10
1
10
2
10
1
2
3
4
5
6
7
8


Similar Part No. - LPT80

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
LPT80 ASTEC-LPT80 Datasheet
261Kb / 2P
   80 Watts
logo
Emerson Network Power
LPT80 EMERSON-NETWORKPOWER-LPT80 Datasheet
281Kb / 3P
   Power Factor Correction
logo
Pulse A Technitrol Comp...
LPT800/900NMO PULSE-LPT800/900NMO Datasheet
691Kb / 5P
   700/800/900/1850 mhz coils/whips
logo
OSRAM GmbH
LPT80A OSRAM-LPT80A Datasheet
204Kb / 9P
   Silicon NPN Phototransistor Version 1.3
More results

Similar Description - LPT80

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH309 SIEMENS-SFH309 Datasheet
281Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH309P SIEMENS-SFH309P Datasheet
274Kb / 5P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH302 SIEMENS-SFH302 Datasheet
207Kb / 5P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH3400 SIEMENS-SFH3400 Datasheet
49Kb / 5P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH3401 SIEMENS-SFH3401 Datasheet
46Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
BPX38 SIEMENS-BPX38 Datasheet
315Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH300 SIEMENS-SFH300 Datasheet
232Kb / 5P
   .NPN-Silizium-Fototransistor Silicon NPN Phototransistor
BPX81 SIEMENS-BPX81 Datasheet
210Kb / 4P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
BPX43 SIEMENS-BPX43 Datasheet
313Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
BP103 SIEMENS-BP103 Datasheet
331Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com