Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC1131QRHBRG4Q1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # CC1131QRHBRG4Q1
Description  Low-Power Sub-1-GHz Fractional-N UHF Device Family for Automotive
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1131QRHBRG4Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button CC1131QRHBRG4Q1 Datasheet HTML 7Page - Texas Instruments CC1131QRHBRG4Q1 Datasheet HTML 8Page - Texas Instruments CC1131QRHBRG4Q1 Datasheet HTML 9Page - Texas Instruments CC1131QRHBRG4Q1 Datasheet HTML 10Page - Texas Instruments CC1131QRHBRG4Q1 Datasheet HTML 11Page - Texas Instruments CC1131QRHBRG4Q1 Datasheet HTML 12Page - Texas Instruments CC1131QRHBRG4Q1 Datasheet HTML 13Page - Texas Instruments CC1131QRHBRG4Q1 Datasheet HTML 14Page - Texas Instruments CC1131QRHBRG4Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 94 page
background image
-20.0
-10.0
0.0
10.0
20.0
30.0
40.0
50.0
-3.00
-2.25
1.50
-1.00
-0.75
0.00
0.75
1.00
1.50
2.25
3.00
Frequency offset [MHz]
CC11x1-Q1
www.ti.com
SWRS076B – 11-07-22-013 - APRIL 2009 – REVISED APRIL 2010
Selectivity (continued)
Figure 2-3. Typical Selectivity at 250-kBaud Data Rate, 868 MHz, GFSK,
IF Frequency 304 kHz, Digital Channel Filter Bandwidth 540 kHz
2.7
RSSI Section Characteristics
(1)
VDD = 1.8 V to 3.3 V, All voltages refer to GND (unless otherwise noted). Typical values at TA = 25°C, VDD = 3 V. Receive
parameters valid for CC1101 and CC1131 only.
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
RX mode, 100-kHz RX bandwidth, Reference signal
–40°C to 105°C
–90
CW , –90-dBm power level. Read RSSI status register
125°C
and calculate measured RSSI level.
RSSI accuracy, 310 MHz
dBm
RX mode, 100-kHz RX bandwidth, Reference signal
–40°C to 105°C
–20
CW , –20-dBm power level. Read RSSI status register
125°C
and calculate measured RSSI level.
RX mode, 100-kHz RX bandwidth, Reference signal
–40°C to 105°C
–97
–89
–82
CW , –90-dBm power level. Read RSSI status register
125°C
–91
and calculate measured RSSI level.
RX mode, 100-kHz RX bandwidth, Reference signal
–40°C to 105°C
–62
–54
–45
RSSI accuracy, 928 MHz
CW , –55-dBm power level. Read RSSI status register
dBm
125°C
–56
and calculate measured RSSI level.
RX mode, 100-kHz RX bandwidth, Reference signal
–40°C to 105°C
–27
–19
–10
CW , –20-dBm power level. Read RSSI status register
125°C
–21
and calculate measured RSSI level.
(1)
RSSI tolerances can be compensated by an offset correction for each device.
Copyright © 2009–2010, Texas Instruments Incorporated
Electrical Specifications
11
Submit Documentation Feedback


Similar Part No. - CC1131QRHBRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1131QRHBRG4Q1 TI1-CC1131QRHBRG4Q1 Datasheet
1Mb / 94P
[Old version datasheet]   Low-Power Sub-1-GHz Fractional-N UHF Device Family for Automotive
CC1131QRHBRG4Q1 TI1-CC1131QRHBRG4Q1 Datasheet
1Mb / 94P
[Old version datasheet]   Low-Power Sub-1-GHz Fractional-N UHF Device Family for Automotive
More results

Similar Description - CC1131QRHBRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC11X1-Q1 TI1-CC11X1-Q1 Datasheet
1Mb / 94P
[Old version datasheet]   Low-Power Sub-1-GHz Fractional-N UHF Device Family for Automotive
CC1101-Q1 TI1-CC1101-Q1 Datasheet
1Mb / 94P
[Old version datasheet]   Low-Power Sub-1-GHz Fractional-N UHF Device Family for Automotive
TRF2050 TI-TRF2050 Datasheet
563Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
TRF2056 TI1-TRF2056 Datasheet
327Kb / 24P
[Old version datasheet]   LOW-VOLTAGE 1,2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
TRF2050 TI1-TRF2050_00 Datasheet
542Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
logo
Analog Devices
HMC704LP4E AD-HMC704LP4E Datasheet
1Mb / 44P
   8 GHZ FRACTIONAL-N PLL
logo
Hittite Microwave Corpo...
HMC704LP4E HITTITE-HMC704LP4E Datasheet
2Mb / 44P
   8 GHz fractionaL-N PLL
logo
Texas Instruments
CC1101 TI1-CC1101_15 Datasheet
1Mb / 105P
[Old version datasheet]   Low-Power Sub-1 GHz RF Transceiver
CC1100 TI1-CC1100_14 Datasheet
1Mb / 100P
[Old version datasheet]   Low-Power Sub- 1 GHz RF Transceiver
CC1150 TI1-CC1150_16 Datasheet
1Mb / 67P
[Old version datasheet]   Low Power Sub-1 GHz RF Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com