Part Name
         Description
CC1100ERTKT

 Low-Power Sub-GHz RF Transceiver(470-510 MHz & 950-960 MHz) ( 98 Page)


TI
100% 
Zoom Out Zoom In
 19 page
background image
CC1100E
SWRS082
Page 19 of 92
signals are joined together (C131, C121, L121
and L131 for the 470 MHz reference design
[3], and L121, L131, C121, L122, C131, C122
and L132 for the 950 MHz reference design
[4]) form a balun that converts the differential
RF signal on the
CC1100E to a single-ended RF
signal. C124 is needed for DC blocking.
Together with an appropriate LC network, the
balun
components
also
transform
the
impedance to match a 50
 load. C125
provides DC blocking and is only needed if
there is a DC path in the antenna. For the 950
MHz reference design, this component may
also be used for additional filtering, see
section 7.5 below. Suggested values for 470
MHz, and 950 MHz are listed in Table 19.
The balun and LC filter component values and
their placement are important to keep the
performance
optimized.
It
is
highly
recommended to follow the CC1100E EM
reference design ([3] and 0). Gerber files and
schematics for the reference designs are
available for download from the TI website.
7.3
Crystal
A crystal in the frequency range 26-27 MHz
must be connected between the XOSC_Q1
and XOSC_Q2 pins. The oscillator is designed
for parallel mode operation of the crystal. In
addition, loading capacitors (C81 and C101)
for the crystal are required. The loading
capacitor values depend on the total load
capacitance, CL, specified for the crystal. The
total load capacitance seen between the
crystal terminals should equal CL for the
crystal to oscillate at the specified frequency.
parasitic
L
C
C
C
C
101
81
1
1
1
The parasitic capacitance is constituted by pin
input capacitance and PCB stray capacitance.
Total parasitic capacitance is typically 2.5 pF.
The crystal oscillator is amplitude regulated.
This means that a high current is used to start
up the oscillations. When the amplitude builds
up, the current is reduced to what is necessary
to maintain approximately 0.4 Vpp signal
swing. This ensures a fast start-up, and keeps
the drive level to a minimum. The ESR of the
crystal should be within the specification in
order to ensure a reliable start-up (see Section
4.4 on page 14).
The initial tolerance, temperature drift, aging
and load pulling should be carefully specified
in order to meet the required frequency
accuracy in a certain application.
7.4
Reference Signal
The chip can alternatively be operated with a
reference signal from 26 to 27 MHz instead of
a crystal. This input clock can either be a full-
swing digital signal (0 V to VDD) or a sine
wave of maximum 1 V peak-peak amplitude.
The reference signal must be connected to the
XOSC_Q1 input. The sine wave must be
connected
to
XOSC_Q1
using
a
serial
capacitor. This capacitor can be omitted when
using a full-swing digital signal. The XOSC_Q2
line must be left un-connected. C81 and C101
can be omitted when using a reference signal.
7.5
Additional Filtering
In the 950 MHz reference design, C126 and
L125 together with C125 build an optional filter
to reduce emission at 770 MHz. This filter is
necessary for applications with an external
antenna connector that target compliance with
ARIB
STD-T96.
If
this
filtering
is
not
necessary, C125 will work as a DC block (only
necessary if there is a DC path in the
antenna). C126 and L125 should in that case
be left unmounted.
Additional external components (e.g. an RF
SAW filter) may be used in order to improve
the performance in specific applications.
7.6
Power Supply Decoupling
The power supply must be properly decoupled
close to the supply pins. Note that decoupling
capacitors are not shown in the application
circuit. The placement and the size of the
decoupling capacitors are very important to
achieve
the
optimum
performance.
The
CC1100E EM reference designs ([3] and 0)
should be followed closely.



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl