Part Name
         Description
CC1100ERTKT

 Low-Power Sub-GHz RF Transceiver(470-510 MHz & 950-960 MHz) ( 98 Page)


TI
100% 
Zoom Out Zoom In
 58 page
background image
CC1100E
SWRS082
Page 58 of 92
The
CC1100E is highly suited for FHSS or multi-
channel systems due to its agile frequency
synthesizer
and
effective
communication
interface. Using the packet handling support
and data buffering is also beneficial in such
systems as these features will significantly
offload the host controller.
Charge pump current, VCO current, and VCO
capacitance array calibration data is required
for
each
frequency
when
implementing
frequency hopping for the
CC1100E. There are 3
ways of obtaining the calibration data from the
chip:
1) Frequency hopping with calibration for each
hop. The PLL calibration time is approximately
720 µs. The blanking interval between each
frequency hop is then approximately 810 us.
2) Fast frequency hopping without calibration
for each hop can be done by performing the
necessary calibrating at startup and saving the
resulting
,
,
and
register values in MCU memory. The VCO
capacitance array calibration FSCAL1 register
value must be found for each RF frequency to
be used. The VCO current calibration value
and the charge pump current calibration value
available in FSCAL2 and FSCAL3 respectively
are not dependent on the RF frequency, so the
same value can therefore be used for all RF
frequencies for these two registers. Between
each frequency hop, the calibration process
can then be replaced by writing the FSCAL3,
and FSCAL1 register values that
corresponds to the next RF frequency. The
PLL turn on time is approximately 90 µs. The
blanking interval between each frequency hop
is then approximately 90 µs.
3) Run calibration on a single frequency at
startup. Next write 0 to FSCAL3 [5:4] to
disable the charge pump calibration. After
writing to FSCAL3
, strobe SRX (or
) with MCSM0.FS_AUTOCAL=1 for each
new frequency hop. That is, VCO current and
VCO capacitance calibration is done, but not
charge pump current calibration. When charge
pump
current
calibration
is
disabled
the
calibration time is reduced from approximately
720 µs to approximately 150 µs. The blanking
interval between each frequency hop is then
approximately 240 µs.
There is a trade off between blanking time and
memory space needed for storing calibration
data in non-volatile memory. Solution 2) above
gives
the
shortest
blanking
interval,
but
requires
more
memory
space
to
store
calibration values. This solution also requires
that the supply voltage and temperature do not
vary much in order to have a robust solution.
Solution 3) gives approximately 570 µs smaller
blanking interval than solution 1).
The
recommended
settings
for
changes
with
frequency. This means that one should always
use SmartRF
® Studio [8] to get the correct
settings for a specific frequency before doing a
calibration, regardless of which calibration
method is being used.
28.3 Data Burst Transmissions
The high maximum data rate of the
CC1100E
opens up for burst transmissions. A low
average data rate link (e.g. 10 kBaud) can be
realized by using a higher over-the-air data
rate. Buffering the data and transmitting in
bursts at high data rate (e.g. 500 kBaud) will
reduce the time in active mode, and hence
also reduce the average current consumption
significantly. Reducing the time in active mode
will reduce the likelihood of collisions with
other systems in the same frequency range.
28.4 Continuous Transmissions
In data streaming applications, the
CC1100E
opens up for continuous transmissions at a
500
kBaud
effective
data
rate.
As
the
modulation is done with a closed loop PLL,
there is no limitation in the length of a
transmission (open loop modulation used in
some transceivers often prevents this kind of
continuous data streaming and reduces the
effective data rate).
Note: The content in the TESTn registers
(n = 0, 1, or 2) are not retained in SLEEP
state, thus it is necessary to re-write these
registers when returning from the SLEEP
state.
Note: The sensitivity and thus transmission
range is reduced for high data rate bursts
compared to lower data rates.



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl