Part Name
         Description
CC1100ERTKT

 Low-Power Sub-GHz RF Transceiver(470-510 MHz & 950-960 MHz) ( 98 Page)


TI
100% 
Zoom Out Zoom In
 53 page
background image
CC1100E
SWRS082
Page 53 of 92
If OOK modulation is used, the logic 0 and
logic 1 power levels shall be programmed to
index 0 and 1 respectively.
Table 33 contains recommended PATABLE
settings
for
various
output
levels
and
frequency bands. DN013 Error! Reference
source not found. gives the complete tables
for the different frequency bands. Using PA
settings
from
0x61
to
0x6F
is
not
recommended.
Table 34 contains output power and current
consumption for default PATABLE
setting
(0xC6).
See Section 10.6 on page 29 for PATABLE
programming
details.
must
be
programmed in burst mode if you want to write
to other entries than PATABLE[0].
Table 34: Optimum PATABLE Settings for Various Output Power Levels and Frequency
Bands
Table 35: Output Power and Current Consumption for Default PATABLE Setting
25 Shaping and PA Ramping
With ASK modulation, up to eight power
settings are used for shaping. The modulator
contains a counter that counts up when
transmitting a one and down when transmitting
a zero. The counter counts at a rate equal to 8
times the symbol rate. The counter saturates
and 0 respectively.
This counter value is used as an index for a
lookup in the power table. Thus, in order to
utilize the whole table, FREND0.PA_POWER
should be 7 when ASK is active. The shaping
of the ASK signal is dependent on the
480 MHz
955 MHz
Output
Power
[dBm]
Setting
Current
Consumption,
Typ. [mA]
Setting
Current
Consumption,
Typ. [mA]
-30
0x04
12.5
0x30
13.0
-20
0x0E
13.0
0x14
12.9
-15
0x1C
13.5
0x18
13.6
-10
0x26
14.9
0x24
14.6
-5
0x2B
16.9
0x28
16.2
0
0x60
16.6
0x60
16.5
5
0x86
19.8
0x86
19.1
7
0xCB
24.6
0xC7
26.3
10 (9)
0xC2
29.6
0xC0
30.9
480 MHz
955 MHz
Default
Power
Setting
Output
Power
[dBm]
Current
Consumption,
Typ. [mA]
Output
Power
[dBm]
Current
Consumption,
Typ. [mA]
0xC6
8.8
26.9
7.3
26.7
Note: All content of the PATABLE except
for the first byte (index 0) is lost when
entering the SLEEP state.



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl