Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM64PC64SG66 Datasheet(PDF) 6 Page - Motorola, Inc

Part # MCM64PC64SG66
Description  256K/512K Pipelined BurstRAM Secondary Cache Module for Pentium
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM64PC64SG66 Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MCM64PC64SG66 Datasheet HTML 2Page - Motorola, Inc MCM64PC64SG66 Datasheet HTML 3Page - Motorola, Inc MCM64PC64SG66 Datasheet HTML 4Page - Motorola, Inc MCM64PC64SG66 Datasheet HTML 5Page - Motorola, Inc MCM64PC64SG66 Datasheet HTML 6Page - Motorola, Inc MCM64PC64SG66 Datasheet HTML 7Page - Motorola, Inc MCM64PC64SG66 Datasheet HTML 8Page - Motorola, Inc MCM64PC64SG66 Datasheet HTML 9Page - Motorola, Inc MCM64PC64SG66 Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MCM64PC32
•MCM64PC64
6
MOTOROLA FAST SRAM
SYNCHRONOUS TRUTH TABLE (See Notes 1, 2, and 3)
CCS
ADSP
CADS
CADV
CWEx
CLK0
Address Used
Operation
H
X
L
X
X
L–H
N/A
Deselected
L
L
X
X
X
L–H
External Address
Read Cycle, Begin Burst
L
H
L
X
L
L–H
External Address
Write Cycle, Begin Burst
L
H
L
X
H
L–H
External Address
Read Cycle, Begin Burst
X
H
H
L
L
L–H
Next Address
Write Cycle, Continue Burst
X
H
H
L
H
L–H
Next Address
Read Cycle, Continue Burst
X
H
H
H
L
L–H
Current Address
Write Cycle, Suspend Burst
X
H
H
H
H
L–H
Current Address
Read Cycle, Suspend Burst
H
X
H
L
L
L–H
Next Address
Write Cycle, Continue Burst
H
X
H
L
H
L–H
Next Address
Read Cycle, Continue Burst
H
X
H
H
L
L–H
Current Address
Write Cycle, Suspend Burst
H
X
H
H
H
L–H
Current Address
Read Cycle, Suspend Burst
NOTES:
1. X means Don’t Care.
2. All inputs except CG must meet setup and hold times for the low–to–high transition of clock (CLK0/1).
3. Wait states are inserted by suspending burst.
ASYNCHRONOUS TRUTH TABLE (See Notes 1 and 2)
Operation
CG
I/O Status
Read
L
Data Out
Read
H
High–Z
Write
X
High–Z — Data In
Deselected
X
High–Z
NOTES:
1. X means Don’t Care.
2. For a write operation following a read operation, G must be high before the input data
required setup time and held high through the input data hold time.
DC ABSOLUTE MAXIMUM RATINGS (Voltages Referenced to VSS = 0 V)
Rating
Symbol
Value
Unit
Power Supply Voltage
VDD3
– 0.5 to + 4.6
V
Voltage Relative to VSS
Vin, Vout
VSS – 0.5 to VDD3 + 0.5
V
Output Current (per I/O)
Iout
± 20
mA
Temperature Under Bias
Tbias
– 10 to + 85
°C
Operating Temperature
TJ
20 to +110
°C
Storage Temperature
Tstg
– 55 to + 125
°C
NOTE: Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are
exceeded. Functional operation should be restricted to RECOMMENDED OPER-
ATING CONDITIONS. Exposure to higher than recommended voltages for
extended periods of time could affect device reliability.
This device contains circuitry to protect the
inputs against damage due to high static volt-
ages or electric fields; however, it is advised
that normal precautions be taken to avoid
application of any voltage higher than maxi-
mum rated voltages to this high–impedance
circuit.
This BiCMOS memory circuit has been
designed to meet the dc and ac specifications
shown in the tables, after thermal equilibrium
has been established.
This device contains circuitry that will
ensure the output devices are in High–Z at
power up.


Similar Part No. - MCM64PC64SG66

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM64PC64TSG66 MOTOROLA-MCM64PC64TSG66 Datasheet
167Kb / 16P
   256K/512K Pipelined BurstRAM Secondary Cache Module for Pentium
More results

Similar Description - MCM64PC64SG66

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM64PE32 MOTOROLA-MCM64PE32 Datasheet
161Kb / 16P
   256K/512K Pipelined BurstRAM Secondary Cache Module for Pentium
MCM64PD32 MOTOROLA-MCM64PD32 Datasheet
184Kb / 16P
   256K/512K Pipelined BurstRAM Secondary Cache Module for Pentium
MCM64PC32T MOTOROLA-MCM64PC32T Datasheet
167Kb / 16P
   256K/512K Pipelined BurstRAM Secondary Cache Module for Pentium
MCM72JG32 MOTOROLA-MCM72JG32 Datasheet
296Kb / 16P
   256KB and 512KB Pipelined BurstRAM Secondary Cache Module for Pentium
MCM64AF32 MOTOROLA-MCM64AF32 Datasheet
190Kb / 12P
   256K Asynchronous Secondary Cache Module for Pentium
MCM72BA32 MOTOROLA-MCM72BA32 Datasheet
237Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BB32 MOTOROLA-MCM72BB32 Datasheet
252Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72CF32 MOTOROLA-MCM72CF32 Datasheet
259Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BF32 MOTOROLA-MCM72BF32 Datasheet
253Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72CB32 MOTOROLA-MCM72CB32 Datasheet
260Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com