Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC1070 Datasheet(PDF) 10 Page - Texas Instruments

Part # CC1070
Description  Single Chip Low Power RF Transmitter for Narrowband Systems
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1070 Datasheet(HTML) 10 Page - Texas Instruments

Back Button CC1070_12 Datasheet HTML 6Page - Texas Instruments CC1070_12 Datasheet HTML 7Page - Texas Instruments CC1070_12 Datasheet HTML 8Page - Texas Instruments CC1070_12 Datasheet HTML 9Page - Texas Instruments CC1070_12 Datasheet HTML 10Page - Texas Instruments CC1070_12 Datasheet HTML 11Page - Texas Instruments CC1070_12 Datasheet HTML 12Page - Texas Instruments CC1070_12 Datasheet HTML 13Page - Texas Instruments CC1070_12 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 57 page
background image
CC1070
SWRS043A
Page 10 of 54
4.4 Digital Inputs / Outputs
Parameter
Min
Typ
Max
Unit
Condition / Note
Logic "0" input voltage
0
0.3*
VDD
V
Logic "1" input voltage
0.7*
VDD
VDD
V
Logic "0" output voltage
0
0.4
V
Output current −2.0 mA,
3.0 V supply voltage
Logic "1" output voltage
2.5
VDD
V
Output current 2.0 mA,
3.0 V supply voltage
Logic "0" input current
NA
−1
µA
Input signal equals GND.
PSEL has an internal pull-up
resistor and during configuration
the current will be -350
µA.
Logic "1" input current
NA
1
µA
Input signal equals VDD
DIO setup time
20
ns
TX mode, minimum time DIO
must be ready before the positive
edge of DCLK. Data should be
set up on the negative edge of
DCLK.
DIO hold time
10
ns
TX mode, minimum time DIO
must be held after the positive
edge of DCLK. Data should be
set up on the negative edge of
DCLK.
Serial interface (PCLK, PDI, PDO
and PSEL) timing specification
See Table 11 on page 20 for
more details
PA_EN pin drive
0.90
0.87
0.81
0.69
0.93
0.92
0.89
0.79
mA
mA
mA
mA
mA
mA
mA
mA
Source current
0 V on PA_EN pin
0.5 V on PA_EN pin
1.0 V on PA_EN pin
1.5 V on PA_EN pin
Sink current
3.0 V on PA_EN pin
2.5 V on PA_EN pin
2.0 V on PA_EN pin
1.5 V on PA_EN pin
Table 6. Digital inputs / outputs parameters


Similar Part No. - CC1070_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1070-RTR1 TI-CC1070-RTR1 Datasheet
670Kb / 57P
[Old version datasheet]   Single Chip Low Power RF Transmitter for Narrowband Systems
CC1070-RTY1 TI-CC1070-RTY1 Datasheet
670Kb / 57P
[Old version datasheet]   Single Chip Low Power RF Transmitter for Narrowband Systems
CC1070DK-433 TI-CC1070DK-433 Datasheet
970Kb / 91P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
CC1070DK-868 TI-CC1070DK-868 Datasheet
970Kb / 91P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
CC1070DK-915 TI-CC1070DK-915 Datasheet
970Kb / 91P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
More results

Similar Description - CC1070_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1070 TI-CC1070 Datasheet
670Kb / 57P
[Old version datasheet]   Single Chip Low Power RF Transmitter for Narrowband Systems
CC1021 TI-CC1021 Datasheet
959Kb / 92P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
CC1021RSSR TI-CC1021RSSR Datasheet
1Mb / 94P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
CC1021 TI1-CC1021_16 Datasheet
2Mb / 91P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
CC1020 TI-CC1020 Datasheet
970Kb / 91P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
CC1021 TI-CC1021_12 Datasheet
1Mb / 94P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
CC1175RHBR TI-CC1175RHBR Datasheet
1Mb / 27P
[Old version datasheet]   High Performance RF Transmitter for Narrowband Systems
CC1175 TI-CC1175 Datasheet
875Kb / 22P
[Old version datasheet]   High Performance RF Transmitter for Narrowband Systems
CC1020EMK-433 TI-CC1020EMK-433 Datasheet
1Mb / 92P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1020 TI1-CC1020_17 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com