Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TF202G-X-AN3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # TF202G-X-AN3-R
Description  N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TF202G-X-AN3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  TF202G-X-AN3-R Datasheet HTML 1Page - Unisonic Technologies TF202G-X-AN3-R Datasheet HTML 2Page - Unisonic Technologies TF202G-X-AN3-R Datasheet HTML 3Page - Unisonic Technologies TF202G-X-AN3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TF202
N-CHANNEL JFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R210-001.F
ABSOLUTE MAXIMUM RATINGS ( TA=25°С, unless otherwise specified )
PARAMETER
SYMBOL
RATING
UNIT
Gate Drain Voltage
VGDO
-20
V
Gate Current
IG
10
mA
Drain Current
ID
1
mA
Power Dissipation
PD
100
mW
Junction Temperature
TJ
150
°С
Storage Temperature
TSTG
-55~+150
°С
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Gate Drain Breakdown Voltage
BVGDO
IG=-100μA
-20
V
Gate Source Cut off Voltage
VGS(OFF)
VDS=5V, ID=1μA
-0.2
-0.6
-1.2
V
Drain Current
IDSS
VDS=5V, VGS=0
140
350
μA
Forward Transfer Admittance
lYFSl
VDS=5V, VGS=0, f=1KHz
0.5
1.2
mS
Input Capacitance
CISS
VDS=5V, VGS=0, f=1MHz
3.5
pF
Output Capacitance
CRSS
VDS=5V, VGS=0, f=1MHz
0.65
pF
Voltage Gain
GV
VIN=10mV, f=1KHz
-3
dB
Reduced Voltage Characteristic
GVV
VIN=10mV,f=1KHz, VCC=4.5V→1.5V
-1.2
-3.5
dB
Frequency Characteristic
GVf
f=1KHz to 110Hz
-1
dB
Input Resistance
ZIN
f=1KHz
25
M
Ω
Output Resistance
ZO
f=1KHz
700
Total Harmonic distortion
THD
VIN=30mV, f=1KHz
1
%
Output Noise Voltage
VNO
VIN=0
-110
dB
CLASSIFICATION OF IDSS
RANK
E4
E5
RANGE
140-240
210-350


Similar Part No. - TF202G-X-AN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TF202G-X-AN3-R UTC-TF202G-X-AN3-R Datasheet
208Kb / 4P
   N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
More results

Similar Description - TF202G-X-AN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
6N65Z UTC-6N65Z_15 Datasheet
245Kb / 6P
   N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
TF202 UTC-TF202_15 Datasheet
208Kb / 4P
   N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
7N60-R UTC-7N60-R Datasheet
341Kb / 8P
   N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
TF2123 UTC-TF2123 Datasheet
201Kb / 4P
   N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
2N60K-TA UTC-2N60K-TA Datasheet
242Kb / 7P
   N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
TF2123 UTC-TF2123_15 Datasheet
193Kb / 4P
   N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
5N80 UTC-5N80_15 Datasheet
248Kb / 7P
   N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
8N60 UTC-8N60_15 Datasheet
238Kb / 9P
   N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
13N40K-MT UTC-13N40K-MT Datasheet
216Kb / 7P
   N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
TF212 UTC-TF212_15 Datasheet
163Kb / 3P
   CAPACITOR MICROPHONE APPLICATIONS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com