Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U74HCT373 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74HCT373
Description  OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HCT373 Datasheet(HTML) 1 Page - Unisonic Technologies

  U74HCT373 Datasheet HTML 1Page - Unisonic Technologies U74HCT373 Datasheet HTML 2Page - Unisonic Technologies U74HCT373 Datasheet HTML 3Page - Unisonic Technologies U74HCT373 Datasheet HTML 4Page - Unisonic Technologies U74HCT373 Datasheet HTML 5Page - Unisonic Technologies U74HCT373 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74HCT373
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-655.A
OCTAL TRANSPARENT
D-TYPE LATCHES WITH
3-STATE OUTPUTS
DESCRIPTION
The U74HCT373 is an octal transparent D-type latch with
3-state outputs, and it has 8 channels.
When the OE input is low and the LE input is high, the Q
outputs follow the D inputs. When OE is low and LE is low, the
Q outputs are latched at the logic levels of the D inputs.
When the OE input is high, the outputs are in the
high-impedance. The OE does not affect the internal operations
of the latches. Old data can be retained or new data can be
entered while the outputs are in the high-impedance state.
To ensure the high-impedance state during power up or
power down, OE should be tied to VCC through a pull-up
resistor; the minimum value of the resistor is determined by the
current-sinking capability of the driver.
FEATURES
* Inputs are TTL-Voltage Compatible
* Operate from 4.5V to 5.5V
* Inputs Accept Voltages to 5.5V
* Max tPD of 21ns at VCC=5.5V, CL=50pF
* Typ VOL< 0.26V at VCC=4.5V, IOL=6mA, TA=25°C
* Typ VOH> 3.94V at VCC=4.5V, IOH=-6mA, TA=25°C
TSSOP-20
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
U74HCT373L-P20-R
U74HCT373G-P20-R
TSSOP-20
Tape Reel
U74HCT373L-P20-T
U74HCT373G-P20-T
TSSOP-20
Tube


Similar Part No. - U74HCT373

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HCT373G-P20-R UTC-U74HCT373G-P20-R Datasheet
237Kb / 6P
   OCTAL TRANSPARENT D-TYPE LATCHES WITH
U74HCT373G-P20-T UTC-U74HCT373G-P20-T Datasheet
237Kb / 6P
   OCTAL TRANSPARENT D-TYPE LATCHES WITH
U74HCT373L-P20-R UTC-U74HCT373L-P20-R Datasheet
237Kb / 6P
   OCTAL TRANSPARENT D-TYPE LATCHES WITH
U74HCT373L-P20-T UTC-U74HCT373L-P20-T Datasheet
237Kb / 6P
   OCTAL TRANSPARENT D-TYPE LATCHES WITH
U74HCT373 UTC-U74HCT373_15 Datasheet
237Kb / 6P
   OCTAL TRANSPARENT D-TYPE LATCHES WITH
More results

Similar Description - U74HCT373

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
   Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
   Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Texas Instruments
SN54BCT573 TI-SN54BCT573 Datasheet
73Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54F373 TI-SN54F373 Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
CD54HCT373 TI-CD54HCT373 Datasheet
319Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALS563A TI-SN54ALS563A Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ALS573C TI-SN54ALS573C Datasheet
109Kb / 9P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ACT573 TI-SN54ACT573 Datasheet
520Kb / 16P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ABT533 TI-SN54ABT533 Datasheet
483Kb / 14P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LV573A HITACHI-HD74LV573A Datasheet
66Kb / 16P
   Octal D-type Transparent Latches with 3-state Outputs
HD74LVC373A HITACHI-HD74LVC373A Datasheet
50Kb / 10P
   Octal D-type Transparent Latches with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com