Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA2030A Datasheet(PDF) 7 Page - Unisonic Technologies

Part # TDA2030A
Description  18W HI-FI AUDIO AMPLIFIER AND 35W DRIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA2030A Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button TDA2030A Datasheet HTML 3Page - Unisonic Technologies TDA2030A Datasheet HTML 4Page - Unisonic Technologies TDA2030A Datasheet HTML 5Page - Unisonic Technologies TDA2030A Datasheet HTML 6Page - Unisonic Technologies TDA2030A Datasheet HTML 7Page - Unisonic Technologies TDA2030A Datasheet HTML 8Page - Unisonic Technologies TDA2030A Datasheet HTML 9Page - Unisonic Technologies TDA2030A Datasheet HTML 10Page - Unisonic Technologies TDA2030A Datasheet HTML 11Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
TDA2030A
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 14
www.unisonic.com.tw
QW-R107-005,C
TYPICAL CHARACTERISTICS(Cont.)
24
28
32
34
36
40
5
15
25
35
45
Output Power vs. Supply Voltage
Supply Voltage, Vs (V)
10
-1
10
0
10
1
10
-2
10
-1
10
0
f=15kHz
f=1kHz
Vs=36V
RL=4
Gv=20dB
Output Power, PoUT (W)
Total Harmonic Distortion vs. Output Power
100
250
400
550
700
0
5
10
15
20
Gv=26dB
Gv=20dB
Input Level, Vi (mV)
Output Power vs. Input Level
0
5
10
15
20
0
8
16
24
32
Complete
Amplifier
UTC
TDA2030
Power Dssipation vs. Output Power
Output Power, PoUT (W)


Similar Part No. - TDA2030A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2030A STMICROELECTRONICS-TDA2030A Datasheet
238Kb / 15P
   18W Hi-Fi AMPLIFIER AND 35W DRIVER
logo
List of Unclassifed Man...
TDA2030A ETC-TDA2030A Datasheet
101Kb / 14P
   14W HI-FI AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2030A UTC-TDA2030A Datasheet
276Kb / 14P
   14W HI-FI AUDIO AMPLIFIER
TDA2030A-TA5-T UTC-TDA2030A-TA5-T Datasheet
224Kb / 14P
   18W HI-FI AUDIO AMPLIFIER AND 35W DRIVER
TDA2030A-TB5-T UTC-TDA2030A-TB5-T Datasheet
224Kb / 14P
   18W HI-FI AUDIO AMPLIFIER AND 35W DRIVER
More results

Similar Description - TDA2030A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TDA2030A UTC-TDA2030A_15 Datasheet
224Kb / 14P
   18W HI-FI AUDIO AMPLIFIER AND 35W DRIVER
logo
STMicroelectronics
TDA2030A STMICROELECTRONICS-TDA2030A Datasheet
238Kb / 15P
   18W Hi-Fi AMPLIFIER AND 35W DRIVER
logo
List of Unclassifed Man...
UTC2030 ETC1-UTC2030 Datasheet
174Kb / 14P
   18W Hi-Fi AMPLIFIER AND 35W DRIVER
logo
Hangzhou Youwang Electr...
UTC2030 YOUWANG-UTC2030 Datasheet
171Kb / 14P
   18W Hi-Fi AMPLIFIER AND DRIVER
logo
Wuxi Youda electronics ...
YD2030 YOUDA-YD2030 Datasheet
76Kb / 4P
   18W HI-FI AUDIO AMPLIFIER
logo
Unisonic Technologies
UTCTDA2030 UTC-UTCTDA2030 Datasheet
182Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
logo
STMicroelectronics
TDA2030 STMICROELECTRONICS-TDA2030_98 Datasheet
543Kb / 12P
   14W Hi-Fi AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2030 UTC-TDA2030_15 Datasheet
213Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TDA2030 TGS-TDA2030 Datasheet
212Kb / 6P
   14W Hi-Fi AUDIO AMPLIFIER
TDA2030AV TGS-TDA2030AV Datasheet
224Kb / 6P
   14W Hi-Fi AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com