Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK1812-G03-K Datasheet(PDF) 4 Page - Unisonic Technologies

Part # SK1812-G03-K
Description  BIPOLAR LATCH TYPE HALL - EFFECT FOR HIGH-TEMPERATURE OPERATION
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SK1812-G03-K Datasheet(HTML) 4 Page - Unisonic Technologies

  SK1812-G03-K Datasheet HTML 1Page - Unisonic Technologies SK1812-G03-K Datasheet HTML 2Page - Unisonic Technologies SK1812-G03-K Datasheet HTML 3Page - Unisonic Technologies SK1812-G03-K Datasheet HTML 4Page - Unisonic Technologies SK1812-G03-K Datasheet HTML 5Page - Unisonic Technologies SK1812-G03-K Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SK1812
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R118-008,A
PACKAGE INFORMATION
SIP-3
SOT-23
4.1 mm
0.95 mm
2.01 mm
3.0 mm
0.385 mm
1.00 mm
Fig. 1 SENSOR LOCATIONS
13
S
N
Marked face
1. Vcc
2. GND
3. Output
2
SIP-3
S
N
Marked face
1. Vcc
2. Output
3. GND
SOT-23
3
12
Bh
Bop
0
Brp
H
L
Vout
Magnetic flux density
Fig.2 APPLYING DIRECTION OF MAGNETIC FLUX


Similar Part No. - SK1812-G03-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
SK1812-G03-K UTC-SK1812-G03-K Datasheet
58Kb / 6P
   BIPOLAR LATCH TYPE
More results

Similar Description - SK1812-G03-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
SK1816A UTC-SK1816A_17 Datasheet
197Kb / 5P
   BIPOLAR LATCH TYPE HALL EFFECT FOR HIGH-TEMPERATURE OPERATION
SK1826 UTC-SK1826 Datasheet
193Kb / 5P
   BIPOLAR LATCH TYPE HALL EFFECT FOR HIGH-TEMPERATURE OPERATION
SK1816 UTC-SK1816_12 Datasheet
289Kb / 8P
   BIPOLAR LATCH TYPE HALL EFFECT FOR HIGH-TEMPERATURE OPERATION
SK1816 UTC-SK1816_18 Datasheet
239Kb / 6P
   BIPOLAR LATCH TYPE HALL EFFECT FOR HIGH-TEMPERATURE OPERATION
SK1812 UTC-SK1812 Datasheet
193Kb / 6P
   BIPOLAR LATCH TYPE HALL - EFFECT FOR HIGH-TEMPERATURE OPERATION
SK1816 UTC-SK1816 Datasheet
262Kb / 7P
   BIPOLAR LATCH TYPE HALL EFFECT FOR HIGH-TEMPERATURE OPERATION
SK1816M UTC-SK1816M_18 Datasheet
217Kb / 6P
   BIPOLAR LATCH TYPE HALL EFFECT FOR HIGH-TEMPERATURE OPERATION
U18 UTC-U18 Datasheet
240Kb / 6P
   BIPOLAR LATCH TYPE HALL-EFFECT FOR HIGH-TEMPERARURE OPERATION
U18 UTC-U18_07 Datasheet
62Kb / 6P
   BIPOLAR LATCH TYPE HALL-EFFECT FOR HIGH-TEMPERARURE OPERATION
logo
Allegro MicroSystems
A1225 ALLEGRO-A1225 Datasheet
325Kb / 12P
   Hall Effect Latch for High Temperature Operation
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com