Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PN2222A Datasheet(PDF) 6 Page - Unisonic Technologies

Part # PN2222A
Description  NPN GENERAL PURPOSE AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PN2222A Datasheet(HTML) 6 Page - Unisonic Technologies

  PN2222A Datasheet HTML 1Page - Unisonic Technologies PN2222A Datasheet HTML 2Page - Unisonic Technologies PN2222A Datasheet HTML 3Page - Unisonic Technologies PN2222A Datasheet HTML 4Page - Unisonic Technologies PN2222A Datasheet HTML 5Page - Unisonic Technologies PN2222A Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PN2222A
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
6 of 6
www.unisonic.com.tw
QW-R208-022.D
TYPICAL CHARACTERISTICS(Cont.)
10
100
1000
160
0
Collector Current, IC (mA)
Turn On and Turn Off Times
vs. Collector Current
80
240
320
400
VCC =25V
tOFF
tON
IB1=IB2=
IC
10
10
100
1000
160
0
Collector Current, IC (mA)
Switching Times
vs. Collector Current
80
240
320
400
VCC =25V
tS
tF
IB1=IB2=
IC
10
tR
tD
0.25
0.75
50
025
75
Power Dissipation vs.
Ambient Temperature
0.5
1
Temperature (℃)
150
125
100
0
TO-92
SOT-89
1.25
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - PN2222A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN2222A PHILIPS-PN2222A Datasheet
45Kb / 8P
   NPN switching transistor
1999 May 21
logo
Fairchild Semiconductor
PN2222A FAIRCHILD-PN2222A Datasheet
212Kb / 8P
   NPN General Purpose Amplifier
logo
Central Semiconductor C...
PN2222A CENTRAL-PN2222A Datasheet
322Kb / 2P
   NPN SILICON TRANSISTOR
logo
STMicroelectronics
PN2222A STMICROELECTRONICS-PN2222A Datasheet
65Kb / 6P
   SMALL SIGNAL NPN TRANSISTOR
logo
AUK corp
PN2222A AUK-PN2222A Datasheet
65Kb / 3P
   NPN Silicon Transistor
More results

Similar Description - PN2222A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com