Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA7493-D16-T Datasheet(PDF) 4 Page - Unisonic Technologies

Part # PA7493-D16-T
Description  2W X 2 CLASS AB AUDIO POWER AMPLIFIER (WITH DC_VOLUME CONTROL)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA7493-D16-T Datasheet(HTML) 4 Page - Unisonic Technologies

  PA7493-D16-T Datasheet HTML 1Page - Unisonic Technologies PA7493-D16-T Datasheet HTML 2Page - Unisonic Technologies PA7493-D16-T Datasheet HTML 3Page - Unisonic Technologies PA7493-D16-T Datasheet HTML 4Page - Unisonic Technologies PA7493-D16-T Datasheet HTML 5Page - Unisonic Technologies PA7493-D16-T Datasheet HTML 6Page - Unisonic Technologies PA7493-D16-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PA7493
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R502-113.C
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
0~7
V
Input Voltage
VIN
-0.3~VCC+0.3
V
Input Current
IIN
-10~+10
mA
Operating Temperature
TOPR
-40~+85
Storage Temperature
TSTG
-65~+150
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Input pins surge current can be reached 100mA will not induce the CMOS latched up.
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FOR ENTIRE IC
(VCC=5V, TA=25℃, unless otherwise specified.)
Supply Voltage
VCC
3
5
6
V
SE MODE
6
8
12
Quiescent Power Supply Current
ICC
BTL MODE
8
10
14
mA
Shutdown Current
ISD
SHUTDOWN=ON
0.2
0.7
1
μA
SHUTDOWN
0.5
0.6
Vcc
High Level
VIH
SE/BTL
0.8
0.9
Vcc
SHUTDOWN
0.2
0.3
Vcc
Threshold Voltage
Low Level
VIL
SE/BTL
0.1
0.2
Vcc
FOR VOLUME ATTENUATORS
(VCC=5V, TA=25℃, unless otherwise specified.)
Two Channels Gain Error
Gerr
RIN=RF=20KΩ
-1
0
+1
dB
DC Vol=5V,F=1KHz
-1
0
+1
Volume Control Range
VCTRL
DC Vol =16.875% VCC
-46
-47
-48
dB
BTL
-78
dB
Mute Attenuation
AM
VMUTE=5V
SE
-78
dB
FOR SINGLE-ENDED MODE OPERATION
(VCC=5V, bandwidth = 22~22 KHz, Unless otherwise specified.)
THD=1.0%
80
85
90
Maximum Output Power
POUT
RL =32Ω
THD=10%
100
110
120
mW
Total Harmonic Distortion Plus
Noise
THD+N
POUT=50mW, RL=32Ω
0.03
0.05
0.07
%
Power Ripple Rejection Ratio
PSRR
VRIPPLE=200mVrms,
CB =1μF, Fin=120Hz
58
dB
Signal to Noise Ratio
SNR
POUT=75mW, RL=32Ω,
A-weight
102
dB
Channel Separation
Xtalk
CB=1μF, Fin=1kHz
77
80
83
dB
FOR BRIDGED MODE OPERATION
(VCC = 5V, bandwidth = 22~22 KHz, Unless otherwise specified.)
Output Offset Voltage
VO(OFF)
VIN=0V, No Load
-50
5
50
mV
THD+N=1%, RL =4Ω
1.4
1.6
1.8
THD+N=10%, RL =4Ω
1.8
2.0
2.1
THD+N=1%, RL =4Ω, VCC=6V
1.9
2.0
2.2
THD=1%, RL =8Ω
1.0
1.1
1.2
Maximum Output Power
POUT
THD+N=10%, RL =8Ω
1.2
1.4
1.6
W
POUT=0.2W, RL=4Ω
0.03
0.05
0.07
Total Harmonic Distortion Plus
Noise
THD+N
POUT =1W, RL =4Ω
0.06
0.08
0.15
%
Power Ripple Rejection Ratio
PSRR
VRIPPLE=200mVrms , RL =8Ω,
CB =1μF, Fin=120Hz
74
dB
Signal to Noise Ratio
SNR
POUT =1.1W, RL =8Ω, A-weight
93
dB
Channel Separation
Xtalk
CB=1μF, Fin=1kHz
85
88
91
dB


Similar Part No. - PA7493-D16-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA7493-D16-T UTC-PA7493-D16-T Datasheet
145Kb / 7P
   2W X 2 CLASS AB AUDIO POWER AMPLIFIER (WITH DC_VOLUME CONTROL)
More results

Similar Description - PA7493-D16-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA7493 UTC-PA7493 Datasheet
145Kb / 7P
   2W X 2 CLASS AB AUDIO POWER AMPLIFIER (WITH DC_VOLUME CONTROL)
PA7493 UTC-PA7493_15 Datasheet
278Kb / 7P
   2W X 2 CLASS AB AUDIO POWER AMPLIFIER
logo
Princeton Technology Co...
PT2300 PTC-PT2300 Datasheet
341Kb / 15P
   2W x 2 Class AB Audio Power Amplifier
PT2303 PTC-PT2303 Datasheet
425Kb / 17P
   2W 횞 2 Class AB Audio Power Amplifier
logo
List of Unclassifed Man...
ISD8102 ETC2-ISD8102 Datasheet
719Kb / 19P
   2W Class AB Audio Amplifier with Chip Enable
logo
Nuvoton Technology Corp...
ISD8102 NUVOTON-ISD8102 Datasheet
719Kb / 19P
   2W Class AB Audio Amplifier with Chip Enable
logo
Anpec Electronics Corop...
APA2120 ANPEC-APA2120 Datasheet
248Kb / 30P
   Stereo 2-W Audio Power Amplifier (with DC_Volume Control)
APA2120 ANPEC-APA2120_13 Datasheet
417Kb / 27P
   Stereo 2-W Audio Power Amplifier (with DC_Volume Control)
APA2068 ANPEC-APA2068_12 Datasheet
423Kb / 24P
   Stereo 2.6W Audio Power Amplifier (With DC_Volume Control)
APA2069 ANPEC-APA2069_11 Datasheet
389Kb / 23P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com