Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA3312 Datasheet(PDF) 8 Page - Unisonic Technologies

Part # PA3312
Description  DUAL 2.6W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA3312 Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button PA3312 Datasheet HTML 2Page - Unisonic Technologies PA3312 Datasheet HTML 3Page - Unisonic Technologies PA3312 Datasheet HTML 4Page - Unisonic Technologies PA3312 Datasheet HTML 5Page - Unisonic Technologies PA3312 Datasheet HTML 6Page - Unisonic Technologies PA3312 Datasheet HTML 7Page - Unisonic Technologies PA3312 Datasheet HTML 8Page - Unisonic Technologies PA3312 Datasheet HTML 9Page - Unisonic Technologies PA3312 Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
PA3312
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
8 of 10
www.unisonic.com.tw
QW-R107-055.A
TYPICAL CHARACTERISTICS(Cont.)
-120
-80
-20
0
20
100
1K
10K
Supply Ripple Rejection Ratio vs.
Frequency
-100
-60
-40
Frequency, f (Hz)
20K
RL=32Ω
CB=0.47µF
GV=4.1dB
SE
-120
-80
-20
0
20
100
1K
10K
Crosstalk vs. Frequency
-100
-60
-40
Frequency, f (Hz)
20K
POUT=1W
RL=8Ω
GV=6dB
BTL
LEFT TO RIGHT
RIGHT TO LEFT
-120
-80
-20
0
20
100
1K
10K
Crosstalk vs. Frequency
-100
-60
-40
Frequency, f (Hz)
20K
VOUT=1 VRMS
RL=10KΩ
GV=4.1dB
SE
LEFT TO RIGHT
RIGHT TO LEFT
-120
-80
-20
0
20
100
1K
10K
Shutdown Attenuation vs. Frequency
-100
-60
-40
Frequency, f (Hz)
20K
VIN=1 VRMS
RL=10KΩ, SE
RL=32Ω, SE
RL=8Ω, BTL
60
80
120
140
20
100
1K
10K
Signal-to-Noise Ratio vs. Frequency
70
100
110
Frequency, f (Hz)
20K
POUT=1W
RL=8Ω
BTL
90
130
GV=6dB
GV=21.6dB
GV=15.6dB
-10
-5
5
10
10
100
1K
10K
Closed-Loop Response
-7.5
0
2.5
Frequency, f (Hz)
1M
-2.5
7.5
100K
180
90
0
-90
-180
RL=8Ω
GV=6dB
BTL
Phase
Gain


Similar Part No. - PA3312

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA3312G-N24-R UTC-PA3312G-N24-R Datasheet
292Kb / 11P
   DUAL 2.6W AUDIO POWER AMPLIFIER
PA3312 UTC-PA3312_15 Datasheet
292Kb / 11P
   DUAL 2.6W AUDIO POWER AMPLIFIER
More results

Similar Description - PA3312

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA3212 UTC-PA3212_15 Datasheet
479Kb / 9P
   2.6W STEREO AUDIO AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
PA3212 UTC-PA3212_09 Datasheet
485Kb / 9P
   2.6W STEREO AUDIO AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
logo
Eutech Microelectronics...
EUA5212 EUTECH-EUA5212 Datasheet
567Kb / 18P
   2-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
logo
Texas Instruments
TPA6017A2 TI-TPA6017A2 Datasheet
350Kb / 26P
[Old version datasheet]   2 W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA0122 TI1-TPA0122_16 Datasheet
1,004Kb / 37P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA6017A2 TI-TPA6017A2_07 Datasheet
735Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA0112 TI-TPA0112 Datasheet
488Kb / 34P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
logo
Eutech Microelectronics...
EUA6412A EUTECH-EUA6412A Datasheet
1Mb / 18P
   2.6-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
EUA5312 EUTECH-EUA5312 Datasheet
509Kb / 18P
   2-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
logo
Texas Instruments
TPA0122 TI-TPA0122 Datasheet
534Kb / 34P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com