Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

25N06G-TN3-T Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 25N06G-TN3-T
Description  25A, 60V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

25N06G-TN3-T Datasheet(HTML) 3 Page - Unisonic Technologies

  25N06G-TN3-T Datasheet HTML 1Page - Unisonic Technologies 25N06G-TN3-T Datasheet HTML 2Page - Unisonic Technologies 25N06G-TN3-T Datasheet HTML 3Page - Unisonic Technologies 25N06G-TN3-T Datasheet HTML 4Page - Unisonic Technologies 25N06G-TN3-T Datasheet HTML 5Page - Unisonic Technologies 25N06G-TN3-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
25N06
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-450.b
ELECTRICAL CHARACTERISTICS (TC =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
60
V
Drain-Source Leakage Current (VGS=0)
IDSS
VDS=Max Rating
1
µA
VDS= Max Rating×0.8, TC=125°C
10
Gate- Source Leakage Current (VDS=0)
IGSS
VGS=±20V
±100 nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
2
2.9
4
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=12.5A
0.048 0.065
On State Drain Current
ID(on)
VDS>ID(on) ×RDS(ON)MAX, VGS=10V
25
A
Forward Transconductance (Note 1)
gFS
VDS>ID(on) ×RDS(ON)MAX, ID=12.5A
7
11
S
DYNAMIC PARAMETERS
Input Capacitance
CISS
VGS=0V, VDS=25V, f=1MHz
700
900
pF
Output Capacitance
COSS
320 450
pF
Reverse Transfer Capacitance
CRSS
90
150
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
VDD=40V, VGS=10V, ID=25A
26
40
nC
Gate to Source Charge
QGS
8
nC
Gate to Drain Charge
QGD
9
nC
Turn-ON Delay Time
tD(ON)
VDD=30V, ID=3A, RG=50Ω,
VGS=10V
30
45
ns
Rise Time
tR
90
130
ns
Turn-OFF Delay Time
tD(OFF)
VDD=40V, ID=25A, RG=50Ω,
VGS=10V
80
120
ns
Fall-Time
tF
80
120
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage
VSD
ISD=25A, VGS=0V (Note 1)
1.5
V
Source-Drain Current
ISD
25
A
Source-Drain Current (Pulsed) (Note 2)
ISDM
100
A
Note: 1. Pulsed: Pulse duration = 300µs, duty cycle 1.5%.
2. Pulse width limited by safe operating area


Similar Part No. - 25N06G-TN3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
25N06G-TA3-T UTC-25N06G-TA3-T Datasheet
179Kb / 6P
   N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
logo
VBsemi Electronics Co.,...
25N06G-TA3-T VBSEMI-25N06G-TA3-T Datasheet
2Mb / 9P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - 25N06G-TN3-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFF70N06 INTERSIL-RFF70N06 Datasheet
78Kb / 8P
   25A, 60V, 0.025 Ohm, N-Channel Power MOSFET
logo
Rohm
RQ3L070AT ROHM-RQ3L070AT Datasheet
2Mb / 13P
   Pch -60V -25A Power MOSFET
logo
Fairchild Semiconductor
RFP25N06 FAIRCHILD-RFP25N06 Datasheet
419Kb / 8P
   25A, 60V, 0.047 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFP25N06 INTERSIL-RFP25N06 Datasheet
106Kb / 8P
   25A, 60V, 0.047 Ohm, N-Channel Power MOSFETs
RFF60P06 INTERSIL-RFF60P06 Datasheet
88Kb / 8P
   25A?? 60V, 0.030 Ohm, P-Channel Power MOSFET
logo
Unisonic Technologies
UTT25N08 UTC-UTT25N08 Datasheet
159Kb / 3P
   25A, 80V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM230N06PQ56 TSC-TSM230N06PQ56 Datasheet
783Kb / 6P
   60V N-Channel Power MOSFET
TSM210N06 TSC-TSM210N06 Datasheet
68Kb / 4P
   60V N-Channel Power MOSFET
TSM60N06 TSC-TSM60N06_15 Datasheet
302Kb / 4P
   60V N-Channel Power MOSFET
TSM230N06 TSC-TSM230N06 Datasheet
771Kb / 8P
   60V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com