Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH1550 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # LH1550
Description  HIGH VOLTAGE, SOLID STATE RELAY OPTOCOUPLER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LH1550 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  LH1550 Datasheet HTML 1Page - Siemens Semiconductor Group LH1550 Datasheet HTML 2Page - Siemens Semiconductor Group LH1550 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
5–208
Absolute Maximum Ratings (TA=25°C)
Emitter
Reverse Voltage .................................................................. 5.0 V
Continuous Forward Current .............................................50 mA
Peak Forward Current (1
µs) ..................................................1 A
Power Dissipation ........................................................... 100 mW
Derate Linearly from 25
°C ..........................................1.3 mW/°C
Detector
Output Breakdown Voltage................................................. 350 V
Continous Load Current ..................................................100 mA
Total Power Dissipation .................................................. 300 mW
Derate Linearly from 25
°C .......................................See Figure 4
Package
Isolation Test Voltage .............................................3750 VACRMS
Power Dissipation ........................................................... 400 mW
Derate Linearly from 25
°C ..........................................2.5 mW/°C
Isolation Resistance
VIO=500 V, TA=25°C.................................................... ≥10
12
VIO=500 V, TA=100°C................................................... ≥10
11
Storage Temperature Range ................................ –40 to +150
°C
Operating Temperature Range............................... –40 to +85
°C
Junction Temperature ........................................................ 100
°C
Soldering Temperature, 2 mm from case, 10 sec. ............ 260
°C
Package Dimensions in Inches (mm)
A
K
NC
S
NC
S'
.010 (.25)
.014 (.35)
.110 (2.79)
.150 (3.81)
.130 (3.30)
.150 (3.81)
.020 (.051) Min.
.300 (7.62)
Typ.
.031 (0.80)
.035 (0.90)
.100 (2.54) Typ.
.039
(1.00)
Min.
.018 (0.45)
.022 (0.55)
.248 (6.30)
.256 (6.50)
.335 (8.50)
.343 (8.70)
Pin One ID.
6
5
4
1
2
3
18
° Typ.
.300 (7.62)
.347 (8.82)
4
°
Typ.
1
2
3
6
5
4
FEATURES
• Normally Open, Single Pole Single Throw Operation
• Control 350 VAC or DC Voltage
• Switch 100 mA Loads
• LED Control Current, 2.5 mA
• Low ON-Resistance, 37
Ω Typ. at 100 mA
• Isolation Test Voltage, 3750 VACRMS
• Current Limit Protection
• Underwriters Lab File # E52744
APPLICATIONS
• Telephone Switch Hook
• High Voltage Test Equipment
• TRIAC Driver
• Motor Control
• Industrial Control Systems
DESCRIPTION
The LH1550 is a single pole single throw (SPST), normally
open (NO), solid state relay. The relay can control AC or
DC loads currents up to 100 mA, with a supply voltage up
to 350 V. The device is packaged in a six pin 0.3 inch dual-
in line package. This package offers an insulation dielec-
tric withstand of 3750 VRMS.
The coupler consists of a AlGaAs LED that is optically cou-
pled to a dielectrically isolated photodiode array which
drives two series connected high voltage MOS transistors.
The typical ON-Resistance is 37
Ω at 25 mA and is linear
up to 50 mA. There is built-in current limiting circuitry in the
detector chip, enabling it to pass FCC 68-302 and other
regulatory voltage surge requirements when over voltage
protection is provided.
LH1550
HIGH VOLTAGE, SOLID STATE RELAY
OPTOCOUPLER


Similar Part No. - LH1550

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LH1550 SIEMENS-LH1550 Datasheet
176Kb / 20P
   High Voltage Solid State Relays
logo
Vishay Siliconix
LH1550AA VISHAY-LH1550AA Datasheet
190Kb / 10P
   1 Form A Solid-State Relay (Normally Open)
Rev. 2.0, 05-Jul-2018
LH1550AAB1 VISHAY-LH1550AAB1 Datasheet
126Kb / 6P
   1 Form A High-Voltage Solid State Relay
Rev. 1.5, 26-Oct-04
LH1550AAB1 VISHAY-LH1550AAB1 Datasheet
141Kb / 6P
   1 Form A High-Voltage Solid-State Relay
Rev. 1.9, 25-Jul-11
LH1550AAB1 VISHAY-LH1550AAB1 Datasheet
190Kb / 10P
   1 Form A Solid-State Relay (Normally Open)
Rev. 2.0, 05-Jul-2018
More results

Similar Description - LH1550

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LH1056 SIEMENS-LH1056 Datasheet
43Kb / 3P
   HIGH VOLTAGE, SOLID STATE RELAY OPTOCOUPLER
LH1298 SIEMENS-LH1298 Datasheet
24Kb / 1P
   HIGH VOLTAGE, SOLID STATE RELAY OPTOCOUPLER
LH1540 SIEMENS-LH1540 Datasheet
49Kb / 3P
   HIGH VOLTAGE, SOLID STATE RELAY OPTOCOUPLER
IL356 SIEMENS-IL356 Datasheet
59Kb / 2P
   HIGH VOLTAGE SOLID STATE RELA OPTOCOUPLER
LH1061AB SIEMENS-LH1061AB Datasheet
497Kb / 8P
   High-Voltage, Solid-State Relay
logo
COSMO Electronics Corp...
KAQW214 COSMO-KAQW214 Datasheet
420Kb / 2P
   High Voltage, Solid State Relay-MOSFET Output
KAQW614 COSMO-KAQW614 Datasheet
702Kb / 4P
   HIGH VOLTAGE, SOLID STATE RELAY - MOSFET OUTPUT
KAQV212A COSMO-KAQV212A Datasheet
413Kb / 2P
   High Voltage, Solid State Relay-MOSFET Output
KAQW212 COSMO-KAQW212 Datasheet
415Kb / 2P
   High Voltage, Solid State Relay-MOSFET Output
KAQW217 COSMO-KAQW217 Datasheet
413Kb / 2P
   High Voltage, Solid State Relay-MOSFET Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com