Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA3112G-SM2-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # PA3112G-SM2-R
Description  DUAL 150mW AUDIO POWER AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA3112G-SM2-R Datasheet(HTML) 8 Page - Unisonic Technologies

  PA3112G-SM2-R Datasheet HTML 1Page - Unisonic Technologies PA3112G-SM2-R Datasheet HTML 2Page - Unisonic Technologies PA3112G-SM2-R Datasheet HTML 3Page - Unisonic Technologies PA3112G-SM2-R Datasheet HTML 4Page - Unisonic Technologies PA3112G-SM2-R Datasheet HTML 5Page - Unisonic Technologies PA3112G-SM2-R Datasheet HTML 6Page - Unisonic Technologies PA3112G-SM2-R Datasheet HTML 7Page - Unisonic Technologies PA3112G-SM2-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
PA3112
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
8 of 8
www.unisonic.com.tw
QW-R502-100,B
TYPICAL CHARACTERISTICS(Cont.)
Figure 13. Signal-to-Noise Ratio vs
Voltage Gain
Voltage Gain, AV (V/V)
6
1
120
0
20
40
80
100
VDD=5V
23
45
7
8
9
10
60
Figure 14. Power Disssipation/Amplifier
vs Load Power
Load Power (mW)
100
0
120
0
20
40
80
100
VDD=5V
20 40 60 80
140160180200
60
120
140
160
180
16Ω
32Ω
64Ω
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - PA3112G-SM2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA3112G-SM2-R UTC-PA3112G-SM2-R Datasheet
337Kb / 8P
   DUAL 150mW AUDIO POWER AMPLIFIER
More results

Similar Description - PA3112G-SM2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA6112 UTC-PA6112 Datasheet
186Kb / 8P
   DUAL 150MW AUDIO POWER AMPLIFIER
PA3112 UTC-PA3112_15 Datasheet
337Kb / 8P
   DUAL 150mW AUDIO POWER AMPLIFIER
logo
Princeton Technology Co...
PT2338 PTC-PT2338 Datasheet
234Kb / 3P
   150mW Stereo Audio Power Amplifier
logo
Wuxi Youda electronics ...
YD6282 YOUDA-YD6282 Datasheet
155Kb / 4P
   DUAL AUDIO POWER AMPLIFIER
YD8207 YOUDA-YD8207 Datasheet
154Kb / 4P
   DUAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
LM1877 TI1-LM1877_16 Datasheet
1Mb / 15P
[Old version datasheet]   Dual Audio Power Amplifier
logo
Toshiba Semiconductor
TA8258H TOSHIBA-TA8258H Datasheet
371Kb / 12P
   Dual Audio Power Amplifier
2002-02-13
TA8265K TOSHIBA-TA8265K Datasheet
353Kb / 9P
   DUAL AUDIO POWER AMPLIFIER
logo
NEC
UPC1316 NEC-UPC1316 Datasheet
1Mb / 8P
   DUAL AUDIO POWER AMPLIFIER
logo
Toshiba Semiconductor
TA8200AH TOSHIBA-TA8200AH_02 Datasheet
230Kb / 11P
   Dual Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com