Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA2308L-S08-T Datasheet(PDF) 4 Page - Unisonic Technologies

Part # PA2308L-S08-T
Description  CLASS AB STEREO HEADPHONE DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA2308L-S08-T Datasheet(HTML) 4 Page - Unisonic Technologies

  PA2308L-S08-T Datasheet HTML 1Page - Unisonic Technologies PA2308L-S08-T Datasheet HTML 2Page - Unisonic Technologies PA2308L-S08-T Datasheet HTML 3Page - Unisonic Technologies PA2308L-S08-T Datasheet HTML 4Page - Unisonic Technologies PA2308L-S08-T Datasheet HTML 5Page - Unisonic Technologies PA2308L-S08-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PA2308
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R107-057.A
ABSOLUTE MAXIMUM RATINGS (Ta=25 )
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
7
V
Junction Temperature
TJ
150
Operating Temperature
TOPR
-40 to 85
Storage Temperature
TSTG
-65 to +150
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Junction to Ambient
θJA
210
K/W
ELECTRICAL CHARACTERISTICS(Ta=25°C; unless otherwise specified)
VDD=5V, VSS=0V, f=1kHz, RL=32Ω
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP MAX UNIT
SUPPLY
Single
3.0
5.0
6.0
Supply Voltage
Dual
VDD
±1.5
±2.5
±3.0
V
Negative Supply Voltage
VSS
-1.5
-2.5
-3.0
V
Supply Current
IDD
No Load
2.5
5
mA
Total Power Dissipation
PD
No Load
12.5
25
mW
DC CHARACTERISTICS
Input Offset Voltage
VIN(OFF)
5
mV
Input Bias Current
IBIAS
10
pA
Common Mode Voltage
VCM
0
3.5
V
Closed Loop Voltage Gain
Gv
RL=5kΩ
75
dB
Max. Output Current
IOUT
(THD+N)/S<0.1%
140
mA
Output Resistance
Ro
0.25
AC CHARACTERISTICS
RL=32Ω(Note 1)
0.25
4.75
Output Voltage Swing
VOUT
RL=16Ω(Note 1)
0.5
4.5
V
Power Supply Rejection Ratio
PSRR
fIN=100Hz, VRIPPLE(P.P)=100mV
65
dB
Channel Separation
αCS
RL=32Ω
95
dB
Load Capacitance
CL
200
pF
-65
-60
dB
Total Harmonic Distortion Plus Noise to
Signal Ratio
(THD+N)/S RL=32Ω(Note 2)
0.05
0.1
%
Signal to Noise Ratio
S/N
90
100
dB
Unity Gain Frequency
FG
RL=5kΩ
5
MHz
Max.Output Power
POUT
(THD+N)/S<0.1%
84
mW
Input Capacitance
CI
3
PF
Power Bandwidth
B
Unity Gain Inverting
20
kHz
Note: 1.
2.
Values are proportional to VDD;(THD+N)/S<0.1%
VDD=5V; VOUT(P-P)=3.5V(at 0dB)


Similar Part No. - PA2308L-S08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA2308G-S08-R UTC-PA2308G-S08-R Datasheet
248Kb / 5P
   CLASS AB STEREO HEADPHONE DRIVER
PA2308 UTC-PA2308_15 Datasheet
248Kb / 5P
   CLASS AB STEREO HEADPHONE DRIVER
More results

Similar Description - PA2308L-S08-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS6308 ETC-MS6308 Datasheet
82Kb / 5P
   Class AB stereo headphone driver
logo
Anpec Electronics Corop...
APA2308 ANPEC-APA2308 Datasheet
532Kb / 12P
   Class AB Stereo Headphone Driver
logo
Bookly Micro electronic
CM8608 BOOKLY-CM8608 Datasheet
198Kb / 7P
   Class AB Stereo Headphone Driver
logo
NXP Semiconductors
TDA1308 PHILIPS-TDA1308 Datasheet
197Kb / 12P
   Class AB stereo headphone driver
August 1994
logo
Silan Microelectronics ...
SC1308L SILAN-SC1308L Datasheet
71Kb / 4P
   CLASS AB STEREO HEADPHONE DRIVER
logo
NXP Semiconductors
TDA1308A PHILIPS-TDA1308A Datasheet
95Kb / 16P
   Class AB stereo headphone driver
2002 Jul 19
TDA1308 PHILIPS-TDA1308_15 Datasheet
584Kb / 17P
   Class-AB stereo headphone driver
Rev. 5-14 March 2011
TDA1308 NXP-TDA1308 Datasheet
117Kb / 19P
   Class-AB stereo headphone driver
Rev. 04-25 January 2007
logo
Unisonic Technologies
PA2308 UTC-PA2308_15 Datasheet
248Kb / 5P
   CLASS AB STEREO HEADPHONE DRIVER
3541 UTC-3541_12 Datasheet
201Kb / 6P
   CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com