Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

18N60 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 18N60
Description  18A,600V N-CHANNEL POWER MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

18N60 Datasheet(HTML) 3 Page - Unisonic Technologies

  18N60_11 Datasheet HTML 1Page - Unisonic Technologies 18N60_11 Datasheet HTML 2Page - Unisonic Technologies 18N60_11 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
18N60
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 3
www.unisonic.com.tw
QW-R502-221.F
TYPICAL CHARACTERISTICS
200
0
0
2
Drain Current vs. Source to Drain Voltage
Source to Drain Voltage,VSD (mV)
800
400
600
6
8
3
12
0
0
4
8
10
Drain-Source On-State
Resistance Characteristics
Drain to Source Voltage, VDS (V)
2
2
1
6
4
VGS=10V,
ID=9.0A
4
10
12
1000
1
Drain Current vs. Gate Threshold Voltage
Gate Threshold Voltage,VTH (V)
Drain Current vs. Drain-Source
Breakdown Voltage
0
0
50
Drain-Source Breakdown Voltage,BVDSS(V)
600
250
200
100
150
200
300
400
800
350
400
24
3
1000
0
50
250
100
150
200
300
50
0
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - 18N60_11

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
18N60 UTC-18N60_10 Datasheet
147Kb / 3P
   600V N-CHANNEL POWER MOSFET
18N60 UTC-18N60_15 Datasheet
186Kb / 4P
   N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
18N60 ISC-18N60_18 Datasheet
325Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 18N60_11

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM60NB190CI TSC-TSM60NB190CI Datasheet
830Kb / 8P
   N-Channel Power MOSFET 600V, 18A, 0.19廓
logo
Rohm
R6018JNX ROHM-R6018JNX Datasheet
2Mb / 14P
   Nch 600V 18A Power MOSFET
R6018ANX ROHM-R6018ANX_12 Datasheet
1Mb / 14P
   Nch 600V 18A Power MOSFET
R6018JNJ ROHM-R6018JNJ Datasheet
2Mb / 15P
   Nch 600V 18A Power MOSFET
logo
Unisonic Technologies
18N25 UTC-18N25 Datasheet
180Kb / 5P
   18A, 250V N-CHANNEL POWER MOSFET
logo
First Components Intern...
IRF640 FCI-IRF640 Datasheet
158Kb / 5P
   18A 200V N CHANNEL POWER MOSFET
logo
Unisonic Technologies
18N40_1109 UTC-18N40_1109 Datasheet
151Kb / 4P
   18A, 400V N-CHANNEL POWER MOSFET
18N65 UTC-18N65 Datasheet
182Kb / 4P
   18A, 650V N-CHANNEL POWER MOSFET
18N50 UTC-18N50_12 Datasheet
209Kb / 6P
   18A, 500V N-CHANNEL POWER MOSFET
logo
First Components Intern...
IRF640FP FCI-IRF640FP Datasheet
231Kb / 5P
   IRF640FP 18A 200V N CHANNEL POWER MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com