Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15N40G-TF1-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 15N40G-TF1-T
Description  15A, 400V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

15N40G-TF1-T Datasheet(HTML) 2 Page - Unisonic Technologies

  15N40G-TF1-T Datasheet HTML 1Page - Unisonic Technologies 15N40G-TF1-T Datasheet HTML 2Page - Unisonic Technologies 15N40G-TF1-T Datasheet HTML 3Page - Unisonic Technologies 15N40G-TF1-T Datasheet HTML 4Page - Unisonic Technologies 15N40G-TF1-T Datasheet HTML 5Page - Unisonic Technologies 15N40G-TF1-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
15N40
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-633.b
ABSOLUTE MAXIMUM RATINGS (TC=25°C, unless otherwise specified.) (Note 5)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain to Source Voltage
VDSS
400
V
Gate-Source Voltage
VGSS
±30
V
TC=25°C
15
A
Continuous
TC=100°C
ID
9
A
Drain Current
Pulsed (Note 2)
IDM
60
A
Avalanche Current (Note 2)
IAR
15
A
Single Pulsed (Note 3)
EAS
731
mJ
Avalanche Energy
Repetitive (Note 2)
EAR
17
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
15
V/ns
Power Dissipation (TC=25°C)
170
W
Derate above 25°C
PD
1.45
W/°C
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55~+150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating; Pulse width limited by maximum junction temperature.
3. L=6.5mH, IAS=15A. VDD=50V, RG=25Ω, Starting TJ=25°C
4. ISD≤15A, di/dt≤200A/µs, VDD≤BVDSS, Starting TJ=25°C
5. Drain current limited by maximum junction temperature
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
62.5
°C/W
Junction to Case
θJC
0.7
°C/W


Similar Part No. - 15N40G-TF1-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
15N40G-TF1-T UTC-15N40G-TF1-T Datasheet
214Kb / 6P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 15N40G-TF1-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRF350 INTERSIL-IRF350 Datasheet
59Kb / 7P
   15A, 400V, 0.300 Ohm, N-Channel Power MOSFET
logo
Fairchild Semiconductor
FDP15N40 FAIRCHILD-FDP15N40 Datasheet
256Kb / 9P
   N-Channel MOSFET 400V, 15A, 0.3廓
IRF350-353 FAIRCHILD-IRF350-353 Datasheet
117Kb / 4P
   N-Channel Power MOSFETs, 15A, 350V/400V
2N6767 FAIRCHILD-2N6767 Datasheet
140Kb / 5P
   N-Channel Power MOSFETs, 15A, 350V/400V
logo
Unisonic Technologies
18N40 UTC-18N40 Datasheet
145Kb / 3P
   400V N-CHANNEL POWER MOSFET
logo
First Components Intern...
IRF740FP FCI-IRF740FP Datasheet
208Kb / 3P
   10A 400V N CHANNEL POWER MOSFET
logo
Unisonic Technologies
1N40_1109 UTC-1N40_1109 Datasheet
173Kb / 4P
   1A, 400V N-CHANNEL POWER MOSFET
5N40 UTC-5N40 Datasheet
198Kb / 6P
   5A, 400V N-CHANNEL POWER MOSFET
12N40 UTC-12N40 Datasheet
164Kb / 4P
   12A, 400V N-CHANNEL POWER MOSFET
13N40 UTC-13N40 Datasheet
157Kb / 4P
   13A, 400V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com