Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15N60L-TF1-T Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 15N60L-TF1-T
Description  15A, 600V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

15N60L-TF1-T Datasheet(HTML) 3 Page - Unisonic Technologies

  15N60L-TF1-T Datasheet HTML 1Page - Unisonic Technologies 15N60L-TF1-T Datasheet HTML 2Page - Unisonic Technologies 15N60L-TF1-T Datasheet HTML 3Page - Unisonic Technologies 15N60L-TF1-T Datasheet HTML 4Page - Unisonic Technologies 15N60L-TF1-T Datasheet HTML 5Page - Unisonic Technologies 15N60L-TF1-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
15N60
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-485.e
ELECTRICAL CHARACTERISTICS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=250µA, TJ=25°C
600
V
Breakdown Voltage Temperature Coefficient
ΔBVDSS/ΔTJ ID=250μA,Referenced to 25°C
0.65
V/°C
Drain-Source Leakage Current
IDSS
VDS=600V, VGS=0V
1
µA
VDS=520V, TC=125°C
10
µA
Gate- Source Leakage Current
Forward
IGSS
VGS=+30V, VDS=0V
+100
nA
Reverse
VGS=-30V, VDS=0V
-100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
2.0
4.0
V
Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=7.5A
0.5 0.65
DYNAMIC PARAMETERS
Input Capacitance
CISS
VDS=25V,VGS=0V,f=1.0MHz
2380 3095
pF
Output Capacitance
COSS
295 385
pF
Reverse Transfer Capacitance
CRSS
23.6 35.5
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
VDS=520V, VGS=10V,
ID=15A (Note 1, 2)
48.5 63.0
nC
Gate-Source Charge
QGS
14.0
nC
Gate-Drain Charge
QGD
21.2
nC
Turn-ON Delay Time
tD(ON)
VDD=325V, ID=15A,
RG=21.7Ω (Note 1, 2)
65
140
ns
Turn-ON Rise Time
tR
125 260
ns
Turn-OFF Delay Time
tD(OFF)
105 220
ns
Turn-OFF Fall Time
tF
65
140
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous Current
IS
15
A
Maximum Body-Diode Pulsed Current
ISM
60
A
Drain-Source Diode Forward Voltage
VSD
IS =15A, VGS=0V
1.4
V
Body Diode Reverse Recovery Time
trr
VGS=0V, IS=15A,
dIF/dt=100A/μs (Note 1)
496
ns
Body Diode Reverse Recovery Charge
QRR
5.69
μC
Notes: 1. Pulse Test : Pulse width ≤ 300μs, Duty cycle ≤ 2%
2. Essentially independent of operating temperature
3. Drain current limited by maximum junction temperature


Similar Part No. - 15N60L-TF1-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
15N60L-T47-T UTC-15N60L-T47-T Datasheet
165Kb / 6P
   15 Amps, 600 Volts N-CHANNEL MOSFET
More results

Similar Description - 15N60L-TF1-T

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
P15F60HP2F SHINDENGEN-P15F60HP2F Datasheet
1Mb / 8P
   Power MOSFETs 600V, 15A, N-channel
logo
MagnaChip Semiconductor...
MDP15N60G MGCHIP-MDP15N60G_11 Datasheet
1Mb / 8P
   N-Channel MOSFET 600V, 15A, 0.40(ohm)
MDP15N60G MGCHIP-MDP15N60G Datasheet
1Mb / 8P
   N-Channel MOSFET 600V, 15A, 0.40(ohm)
logo
PFC Device Inc.
PSM15N60CT PFC-PSM15N60CT Datasheet
938Kb / 10P
   15A 600V Single N?륝hannel Power MOSFET
logo
Rohm
R6015FNJ ROHM-R6015FNJ Datasheet
3Mb / 15P
   Nch 600V 15A Power MOSFET
R6015ENZ ROHM-R6015ENZ Datasheet
923Kb / 13P
   Nch 600V 15A Power MOSFET
R6015ANX ROHM-R6015ANX_12 Datasheet
1Mb / 14P
   Nch 600V 15A Power MOSFET
R6015ENX ROHM-R6015ENX Datasheet
2Mb / 14P
   Nch 600V 15A Power MOSFET
R6015KNX ROHM-R6015KNX Datasheet
2Mb / 14P
   Nch 600V 15A Power MOSFET
R6015ENJ ROHM-R6015ENJ Datasheet
2Mb / 14P
   Nch 600V 15A Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com