Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15N40G-TA3-T Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 15N40G-TA3-T
Description  15A, 400V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

15N40G-TA3-T Datasheet(HTML) 1 Page - Unisonic Technologies

  15N40G-TA3-T Datasheet HTML 1Page - Unisonic Technologies 15N40G-TA3-T Datasheet HTML 2Page - Unisonic Technologies 15N40G-TA3-T Datasheet HTML 3Page - Unisonic Technologies 15N40G-TA3-T Datasheet HTML 4Page - Unisonic Technologies 15N40G-TA3-T Datasheet HTML 5Page - Unisonic Technologies 15N40G-TA3-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
15N40
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-633.b
15A, 400V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 15N40 is an N-channel mode power MOSFET using UTC’s
advanced technology to provide customers with planar stripe and DMOS
technology. This technology allows a minimum on-state resistance and
superior switching performance. It also can withstand high energy pulse in
the avalanche and commutation mode.
The UTC 15N40 is generally applied in high efficiency switch mode
power supplies.
FEATURES
* RDS(ON)=0.35Ω @ VGS=10V,ID=7.5A
* Low Gate Charge (Typical 28nC)
* Low CRSS (Typical 17pF)
* High Switching Speed
SYMBOL
1.Gate
3.Source
2.Drain
TO-220
TO-220F1
1
1
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
15N40L-TA3-T
15N40G-TA3-T
TO-220
G
D
S
Tube
15N40L-TF1-T
15N40G-TF1-T
TO-220F1
G
D
S
Tube
Note: Pin Assignment: G: Gate
D: Drain
S: Source


Similar Part No. - 15N40G-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
15N40G-TA3-T UTC-15N40G-TA3-T Datasheet
214Kb / 6P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 15N40G-TA3-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRF350 INTERSIL-IRF350 Datasheet
59Kb / 7P
   15A, 400V, 0.300 Ohm, N-Channel Power MOSFET
logo
Fairchild Semiconductor
FDP15N40 FAIRCHILD-FDP15N40 Datasheet
256Kb / 9P
   N-Channel MOSFET 400V, 15A, 0.3廓
IRF350-353 FAIRCHILD-IRF350-353 Datasheet
117Kb / 4P
   N-Channel Power MOSFETs, 15A, 350V/400V
2N6767 FAIRCHILD-2N6767 Datasheet
140Kb / 5P
   N-Channel Power MOSFETs, 15A, 350V/400V
logo
Unisonic Technologies
18N40 UTC-18N40 Datasheet
145Kb / 3P
   400V N-CHANNEL POWER MOSFET
logo
First Components Intern...
IRF740FP FCI-IRF740FP Datasheet
208Kb / 3P
   10A 400V N CHANNEL POWER MOSFET
logo
Unisonic Technologies
1N40_1109 UTC-1N40_1109 Datasheet
173Kb / 4P
   1A, 400V N-CHANNEL POWER MOSFET
5N40 UTC-5N40 Datasheet
198Kb / 6P
   5A, 400V N-CHANNEL POWER MOSFET
12N40 UTC-12N40 Datasheet
164Kb / 4P
   12A, 400V N-CHANNEL POWER MOSFET
13N40 UTC-13N40 Datasheet
157Kb / 4P
   13A, 400V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com