Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q62703-Q72 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # Q62703-Q72
Description  GaAs-IR-Lumineszenzdioden-Zeilen GaAs Infrared Emitter Arrays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62703-Q72 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  Q62703-Q72 Datasheet HTML 1Page - Siemens Semiconductor Group Q62703-Q72 Datasheet HTML 2Page - Siemens Semiconductor Group Q62703-Q72 Datasheet HTML 3Page - Siemens Semiconductor Group Q62703-Q72 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Semiconductor Group
2
1997-11-01
LD 260
LD 262 ... LD 269
Grenzwerte (
T
A = 25 °C)
Maximum Ratings
Typ
Type
IRED
pro Zeile
per Row
Maß “A”
Dimension “A”
Bestellnummer
Ordering Code
Gehäuse
Package
min.
max.
LD 262
2
4.5
4.9
Q62703-Q70
Zeilenbauform, Leiterbandgehäuse,
klares Epoxy-Gießharz, linsenförmig,
Anschlüsse im 2.54-mm-Raster (1/10’’),
Kathodenkennzeichnung:
Nase am Lötspieß
Lead frame arrays, transparent epoxy
resin lens, solder tabs, lead spacing
2.54 mm (1/10’’), cathode marking:
projection at solder lead
LD 263
3
7
7.4
Q62703-Q71
LD 264
4
9.6
10
Q62703-Q72
LD 265
5
12.1
12.5
Q62703-Q73
LD 266
6
14.6
15
Q62703-Q74
LD 267
7
17.2
17.6
Q62703-Q75
LD 268
8
19.7
20.1
Q62703-Q76
LD 269
9
22.3
22.7
Q62703-Q77
LD 260
10
24.8
25.2
Q62703-Q78
Bezeichnung
Description
Symbol
Symbol
Wert
Value
Einheit
Unit
Betriebs- und Lagertemperatur
Operating and storage temperature range
T
op; Tstg
– 40 ... + 80
°C
Sperrschichttemperatur
Junction temperature
T
j
80
°C
Sperrspannung
Reverse voltage
V
R
5V
Durchlaßstrom
Forward current
I
F
50
mA
Stoßstrom,
τ≤ 10 µs, D = 0
Surge current
I
FSM
1.6
A
Verlustleistung
Power dissipation
P
tot
70
mW
Wärmewiderstand
Thermal resistance
R
thJA
R
thJL
750
650
K/W
K/W


Similar Part No. - Q62703-Q72

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62703-Q7891 SIEMENS-Q62703-Q7891 Datasheet
43Kb / 4P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
More results

Similar Description - Q62703-Q72

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH415 SIEMENS-SFH415 Datasheet
47Kb / 5P
   GaAs-IR-Lumineszenzdioden GaAs Infrared Emitters
logo
OSRAM GmbH
SFH-4510 OSRAM-SFH-4510 Datasheet
271Kb / 8P
   GaAs-IR-Lumineszenzdioden
LD260 OSRAM-LD260 Datasheet
265Kb / 7P
   GaAs Infrared Emitter Arrays
SFH-415 OSRAM-SFH-415 Datasheet
111Kb / 7P
   GaAs-IR-Lumineszenzdioden
logo
Siemens Semiconductor G...
SFH495P SIEMENS-SFH495P Datasheet
43Kb / 4P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
LD261 SIEMENS-LD261 Datasheet
36Kb / 4P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
LD274 SIEMENS-LD274 Datasheet
34Kb / 4P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
SFH405 SIEMENS-SFH405 Datasheet
33Kb / 4P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
SFH400 SIEMENS-SFH400 Datasheet
64Kb / 7P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
LD271 SIEMENS-LD271 Datasheet
41Kb / 5P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com