Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS616LV8017DCG70 Datasheet(PDF) 10 Page - Brilliance Semiconductor

Part # BS616LV8017DCG70
Description  Very Low Power CMOS SRAM 512K X 16 bit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616LV8017DCG70 Datasheet(HTML) 10 Page - Brilliance Semiconductor

Back Button BS616LV8017DCG70 Datasheet HTML 3Page - Brilliance Semiconductor BS616LV8017DCG70 Datasheet HTML 4Page - Brilliance Semiconductor BS616LV8017DCG70 Datasheet HTML 5Page - Brilliance Semiconductor BS616LV8017DCG70 Datasheet HTML 6Page - Brilliance Semiconductor BS616LV8017DCG70 Datasheet HTML 7Page - Brilliance Semiconductor BS616LV8017DCG70 Datasheet HTML 8Page - Brilliance Semiconductor BS616LV8017DCG70 Datasheet HTML 9Page - Brilliance Semiconductor BS616LV8017DCG70 Datasheet HTML 10Page - Brilliance Semiconductor BS616LV8017DCG70 Datasheet HTML 11Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
BS616LV8017
R0201-BS616LV8017
Revision
2.4
Oct.
2008
10
PACKAGE DIMENSIONS (continued)
3: SYMBOL "N" IS THE NUMBER OF SOLDER BALLS.
1: CONTROLLING DIMENSIONS ARE IN MILLIMETERS.
2: PIN#1 DOT MARKING BY LASER OR PAD PRINT.
N
E
D
NOTES:
48
12.0
9.0
E1
D1
e
3.75
5.25
0.75
SIDE VIEW
D 0.1
D1
SOLDER BALL 0.35 ±0.05
VIEW A
3.375
48 mini-BGA (9mm x 12mm)


Similar Part No. - BS616LV8017DCG70

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV8017DCG70 BSI-BS616LV8017DCG70 Datasheet
208Kb / 11P
   Very Low Power CMOS SRAM 512K X 16 bit
More results

Similar Description - BS616LV8017DCG70

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV8016 BSI-BS616LV8016_06 Datasheet
155Kb / 10P
   Very Low Power CMOS SRAM 512K X 16 bit
BS616LV8017 BSI-BS616LV8017_06 Datasheet
208Kb / 11P
   Very Low Power CMOS SRAM 512K X 16 bit
BS616LV8016 BSI-BS616LV8016_08 Datasheet
221Kb / 10P
   Very Low Power CMOS SRAM 512K X 16 bit
BS616LV8019 BSI-BS616LV8019 Datasheet
271Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8012 BSI-BS616LV8012 Datasheet
207Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8013 BSI-BS616LV8013 Datasheet
203Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8010 BSI-BS616LV8010 Datasheet
272Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8011 BSI-BS616LV8011 Datasheet
192Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8016 BSI-BS616LV8016 Datasheet
255Kb / 8P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8018 BSI-BS616LV8018 Datasheet
253Kb / 8P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com