Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS616UV2019ACP85 Datasheet(PDF) 10 Page - Brilliance Semiconductor

Part # BS616UV2019ACP85
Description  Ultra Low Power CMOS SRAM 128K X 16 bit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616UV2019ACP85 Datasheet(HTML) 10 Page - Brilliance Semiconductor

Back Button BS616UV2019ACP85 Datasheet HTML 3Page - Brilliance Semiconductor BS616UV2019ACP85 Datasheet HTML 4Page - Brilliance Semiconductor BS616UV2019ACP85 Datasheet HTML 5Page - Brilliance Semiconductor BS616UV2019ACP85 Datasheet HTML 6Page - Brilliance Semiconductor BS616UV2019ACP85 Datasheet HTML 7Page - Brilliance Semiconductor BS616UV2019ACP85 Datasheet HTML 8Page - Brilliance Semiconductor BS616UV2019ACP85 Datasheet HTML 9Page - Brilliance Semiconductor BS616UV2019ACP85 Datasheet HTML 10Page - Brilliance Semiconductor BS616UV2019ACP85 Datasheet HTML 11Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
BS616UV2019
R0201-BS616UV2019
Revision
1.4
Oct.
2008
10
PACKAGE DIMENSIONS (continued)
48 mini-BGA (6 x 8mm)
D1
VIEW A
1: CONTROLLING DIMENSIONS ARE IN MILLIMETERS.
2: PIN#1 DOT MARKING BY LASER OR PAD PRINT.
3: SYMBOL "N" IS THE NUMBER OF SOLDER BALLS.
BALL PITCH e = 0.75
D
8.0
6.0
E
N
48
3.75
E1
D1
5.25


Similar Part No. - BS616UV2019ACP85

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616UV2019ACP85 BSI-BS616UV2019ACP85 Datasheet
267Kb / 9P
   Ultra Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616UV2019ACP85 BSI-BS616UV2019ACP85 Datasheet
172Kb / 11P
   Ultra Low Power CMOS SRAM 128K X 16 bit
More results

Similar Description - BS616UV2019ACP85

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616UV2019 BSI-BS616UV2019_06 Datasheet
172Kb / 11P
   Ultra Low Power CMOS SRAM 128K X 16 bit
BS616UV2019 BSI-BS616UV2019 Datasheet
267Kb / 9P
   Ultra Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616UV2011 BSI-BS616UV2011 Datasheet
237Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 128K X 16 bit
logo
Mosel Vitelic, Corp
V62C1162048L MOSEL-V62C1162048L Datasheet
109Kb / 11P
   Ultra Low Power 128K x 16 CMOS SRAM
V62C2162048L MOSEL-V62C2162048L Datasheet
117Kb / 13P
   Ultra Low Power 128K x 16 CMOS SRAM
V62C3162048L MOSEL-V62C3162048L Datasheet
109Kb / 13P
   Ultra Low Power 128K x 16 CMOS SRAM
logo
Lyontek Inc.
LY62L12816 LYONTEK-LY62L12816 Datasheet
178Kb / 13P
   128K X 16 BIT LOW POWER CMOS SRAM
LY62W12816 LYONTEK-LY62W12816_11 Datasheet
500Kb / 13P
   128K X 16 BIT LOW POWER CMOS SRAM
LY62W12816 LYONTEK-LY62W12816_17 Datasheet
796Kb / 15P
   128K X 16 BIT LOW POWER CMOS SRAM
LY6212816 LYONTEK-LY6212816 Datasheet
177Kb / 14P
   128K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com