Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS616LV2016ECP70 Datasheet(PDF) 9 Page - Brilliance Semiconductor

Part # BS616LV2016ECP70
Description  Very Low Power CMOS SRAM 128K X 16 bit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616LV2016ECP70 Datasheet(HTML) 9 Page - Brilliance Semiconductor

Back Button BS616LV2016ECP70 Datasheet HTML 3Page - Brilliance Semiconductor BS616LV2016ECP70 Datasheet HTML 4Page - Brilliance Semiconductor BS616LV2016ECP70 Datasheet HTML 5Page - Brilliance Semiconductor BS616LV2016ECP70 Datasheet HTML 6Page - Brilliance Semiconductor BS616LV2016ECP70 Datasheet HTML 7Page - Brilliance Semiconductor BS616LV2016ECP70 Datasheet HTML 8Page - Brilliance Semiconductor BS616LV2016ECP70 Datasheet HTML 9Page - Brilliance Semiconductor BS616LV2016ECP70 Datasheet HTML 10Page - Brilliance Semiconductor BS616LV2016ECP70 Datasheet HTML 11Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
BS616LV2016
R0201-BS616LV2016
Revision
1.5
Oct.
2008
9
ORDERING INFORMATION
Note:
BSI (Brilliance Semiconductor Inc.) assumes no responsibility for the application or use of any product or circuit described herein. BSI does
not authorize its products for use as critical components in any application in which the failure of the BSI product may be expected to result
in significant injury or death, including life-support systems and critical medical instruments.
PACKAGE DIMENSIONS
PACKAGE
A: BGA-48-0608
D: DICE
E: TSOPII-44
BS616LV2016
X
X
Z Y Y
GRADE
C: +0
oC ~ +70oC
I: -40
oC ~ +85oC
SPEED
55: 55ns
70: 70ns
PKG MATERIAL
G: Green, RoHS Compliant
P: Pb free, RoHS Compliant
TSOP II-44


Similar Part No. - BS616LV2016ECP70

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV2016ECP70 BSI-BS616LV2016ECP70 Datasheet
263Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
More results

Similar Description - BS616LV2016ECP70

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV2016 BSI-BS616LV2016_06 Datasheet
208Kb / 11P
   Very Low Power CMOS SRAM 128K X 16 bit
BS616LV2019 BSI-BS616LV2019_06 Datasheet
170Kb / 11P
   Very Low Power CMOS SRAM 128K X 16 bit
BS616LV2019 BSI-BS616LV2019_08 Datasheet
238Kb / 11P
   Very Low Power CMOS SRAM 128K X 16 bit
BS616LV2013 BSI-BS616LV2013 Datasheet
241Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2016 BSI-BS616LV2016 Datasheet
263Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2018 BSI-BS616LV2018 Datasheet
220Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2012 BSI-BS616LV2012 Datasheet
217Kb / 10P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2017 BSI-BS616LV2017 Datasheet
261Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2011 BSI-BS616LV2011 Datasheet
237Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2019 BSI-BS616LV2019 Datasheet
282Kb / 10P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com