Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS62LV2006STCP70 Datasheet(PDF) 2 Page - Brilliance Semiconductor

Part # BS62LV2006STCP70
Description  Very Low Power CMOS SRAM 256K X 8 bit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS62LV2006STCP70 Datasheet(HTML) 2 Page - Brilliance Semiconductor

  BS62LV2006STCP70 Datasheet HTML 1Page - Brilliance Semiconductor BS62LV2006STCP70 Datasheet HTML 2Page - Brilliance Semiconductor BS62LV2006STCP70 Datasheet HTML 3Page - Brilliance Semiconductor BS62LV2006STCP70 Datasheet HTML 4Page - Brilliance Semiconductor BS62LV2006STCP70 Datasheet HTML 5Page - Brilliance Semiconductor BS62LV2006STCP70 Datasheet HTML 6Page - Brilliance Semiconductor BS62LV2006STCP70 Datasheet HTML 7Page - Brilliance Semiconductor BS62LV2006STCP70 Datasheet HTML 8Page - Brilliance Semiconductor BS62LV2006STCP70 Datasheet HTML 9Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
BS62LV2006
R0201-BS62LV2006
Revision
1.4
Oct.
2008
2
PIN DESCRIPTIONS
Name
Function
A0-A17 Address Input
These 18 address inputs select one of the 262,144 x 8-bit in the RAM
CE1 Chip Enable 1 Input
CE2 Chip Enable 2 Input
CE1 is active LOW and CE2 is active HIGH. Both chip enables must be active when
data read form or write to the device. If either chip enable is not active, the device is
deselected and is in standby power mode. The DQ pins will be in the high impedance
state when the device is deselected.
WE Write Enable Input
The write enable input is active LOW and controls read and write operations. With the
chip selected, when WE is HIGH and OE is LOW, output data will be present on the
DQ pins; when WE is LOW, the data present on the DQ pins will be written into the
selected memory location.
OE Output Enable Input
The output enable input is active LOW. If the output enable is active while the chip is
selected and the write enable is inactive, data will be present on the DQ pins and they
will be enabled. The DQ pins will be in the high impendence state when OE is inactive.
DQ0-DQ7 Data Input/Output
Ports
There 8 bi-directional ports are used to read data from or write data into the RAM.
VCC
Power Supply
GND
Ground
TRUTH TABLE
MODE
CE1
CE2
WE
OE
I/O OPERATION
VCC CURRENT
H
X
X
X
Not selected
(Power Down)
X
L
X
X
High Z
ICCSB, ICCSB1
Output Disabled
L
H
H
H
High Z
ICC
Read
L
H
H
L
DOUT
ICC
Write
L
H
L
X
DIN
ICC
ABSOLUTE MAXIMUM RATINGS
(1)
SYMBOL
PARAMETER
RATING
UNITS
VTERM
Terminal Voltage with
Respect to GND
-0.5
(2) to 7.0
V
TBIAS
Temperature Under
Bias
-40 to +125
OC
TSTG
Storage Temperature
-60 to +150
OC
PT
Power Dissipation
1.0
W
IOUT
DC Output Current
20
mA
1. Stresses greater than those listed under ABSOLUTE
MAXIMUM RATINGS may cause permanent damage to the
device. This is a stress rating only and functional operation of
the device at these or any other conditions above those
indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions for
extended periods may affect reliability.
2. –2.0V in case of AC pulse width less than 30 ns.
OPERATING RANGE
RANG
AMBIENT
TEMPERATURE
VCC
Commercial
0
OC to + 70OC
2.4V ~ 5.5V
Industrial
-40
OC to + 85OC
2.4V ~ 5.5V
CAPACITANCE
(1) (T
A = 25
OC, f = 1.0MHz)
SYMBOL PAMAMETER CONDITIONS MAX. UNITS
CIN
Input
Capacitance
VIN = 0V
6
pF
CIO
Input/Output
Capacitance
VI/O = 0V
8
pF
1. This parameter is guaranteed and not 100% tested.


Similar Part No. - BS62LV2006STCP70

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV2006STCP70 BSI-BS62LV2006STCP70 Datasheet
321Kb / 9P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
BS62LV2006STCP70 BSI-BS62LV2006STCP70 Datasheet
350Kb / 11P
   Very Low Power CMOS SRAM 256K X 8 bit
More results

Similar Description - BS62LV2006STCP70

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV2006 BSI-BS62LV2006_06 Datasheet
350Kb / 11P
   Very Low Power CMOS SRAM 256K X 8 bit
BS62LV2005 BSI-BS62LV2005 Datasheet
279Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
BS62LV2006 BSI-BS62LV2006 Datasheet
321Kb / 9P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
logo
List of Unclassifed Man...
STC62WV2568 ETC1-STC62WV2568 Datasheet
330Kb / 9P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
logo
Brilliance Semiconducto...
BS62LV2000 BSI-BS62LV2000 Datasheet
282Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
BS62LV2003 BSI-BS62LV2003 Datasheet
279Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
BS62LV2008 BSI-BS62LV2008 Datasheet
318Kb / 9P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
BS62LV2001 BSI-BS62LV2001 Datasheet
283Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
BS62LV2007 BSI-BS62LV2007 Datasheet
195Kb / 9P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
BS62LV2009 BSI-BS62LV2009 Datasheet
318Kb / 9P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com