Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS616LV8016DIG55 Datasheet(PDF) 8 Page - Brilliance Semiconductor

Part # BS616LV8016DIG55
Description  Very Low Power CMOS SRAM 512K X 16 bit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616LV8016DIG55 Datasheet(HTML) 8 Page - Brilliance Semiconductor

Back Button BS616LV8016DIG55 Datasheet HTML 2Page - Brilliance Semiconductor BS616LV8016DIG55 Datasheet HTML 3Page - Brilliance Semiconductor BS616LV8016DIG55 Datasheet HTML 4Page - Brilliance Semiconductor BS616LV8016DIG55 Datasheet HTML 5Page - Brilliance Semiconductor BS616LV8016DIG55 Datasheet HTML 6Page - Brilliance Semiconductor BS616LV8016DIG55 Datasheet HTML 7Page - Brilliance Semiconductor BS616LV8016DIG55 Datasheet HTML 8Page - Brilliance Semiconductor BS616LV8016DIG55 Datasheet HTML 9Page - Brilliance Semiconductor BS616LV8016DIG55 Datasheet HTML 10Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
BS616LV8016
R0201-BS616LV8016
Revision
2.4
Oct.
2008
8
WRITE CYCLE 2
(1,6)
NOTES:
1. WE must be high during address transitions.
2. The internal write time of the memory is defined by the overlap of CE1 and CE2 active and
WE low. All signals must be active to initiate a write and any one signal can terminate a
write by going inactive. The data input setup and hold timing should be referenced to the
second transition edge of the signal that terminates the write.
3. tWR is measured from the earlier of CE1 or WE going high or CE2 going low at the end of
write cycle.
4. During this period, DQ pins are in the output state so that the input signals of opposite
phase to the outputs must not be applied.
5. If the CE1 low transition or the CE2 high transition occurs simultaneously with the WE low
transitions or after the WE transition, output remain in a high impedance state.
6. OE is continuously low (OE = VIL).
7. DOUT is the same phase of write data of this write cycle.
8. DOUT is the read data of next address.
9. If CE1 is low and CE2 is high during this period, DQ pins are in the output state. Then the
data input signals of opposite phase to the outputs must not be applied to them.
10.Transition is measured ± 500mV from steady state with CL = 5pF.
The parameter is guaranteed but not 100% tested.
11.tCW is measured from the later of CE1 going low or CE2 going high to the end of write.
12.The change of Read/Write cycle must accompany with CE or address toggled.
tWC
tCW
(11)
tWP
(2)
tAW
tWHZ
(4,10)
tAS
tWR
(3)
tDH
tDW
DIN
DOUT
WE
LB, UB
CE1
ADDRESS
(5)
tOW
(7)
(8)
(8,9)
tBW
(12)
tCW
(11)
CE2


Similar Part No. - BS616LV8016DIG55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV8016DIG55 BSI-BS616LV8016DIG55 Datasheet
155Kb / 10P
   Very Low Power CMOS SRAM 512K X 16 bit
More results

Similar Description - BS616LV8016DIG55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV8016 BSI-BS616LV8016_06 Datasheet
155Kb / 10P
   Very Low Power CMOS SRAM 512K X 16 bit
BS616LV8017 BSI-BS616LV8017_08 Datasheet
245Kb / 11P
   Very Low Power CMOS SRAM 512K X 16 bit
BS616LV8017 BSI-BS616LV8017_06 Datasheet
208Kb / 11P
   Very Low Power CMOS SRAM 512K X 16 bit
BS616LV8019 BSI-BS616LV8019 Datasheet
271Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8012 BSI-BS616LV8012 Datasheet
207Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8013 BSI-BS616LV8013 Datasheet
203Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8010 BSI-BS616LV8010 Datasheet
272Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8011 BSI-BS616LV8011 Datasheet
192Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8016 BSI-BS616LV8016 Datasheet
255Kb / 8P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8018 BSI-BS616LV8018 Datasheet
253Kb / 8P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com