Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS616LV4017DIG55 Datasheet(PDF) 6 Page - Brilliance Semiconductor

Part # BS616LV4017DIG55
Description  Very Low Power CMOS SRAM 256K X 16 bit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616LV4017DIG55 Datasheet(HTML) 6 Page - Brilliance Semiconductor

Back Button BS616LV4017DIG55 Datasheet HTML 2Page - Brilliance Semiconductor BS616LV4017DIG55 Datasheet HTML 3Page - Brilliance Semiconductor BS616LV4017DIG55 Datasheet HTML 4Page - Brilliance Semiconductor BS616LV4017DIG55 Datasheet HTML 5Page - Brilliance Semiconductor BS616LV4017DIG55 Datasheet HTML 6Page - Brilliance Semiconductor BS616LV4017DIG55 Datasheet HTML 7Page - Brilliance Semiconductor BS616LV4017DIG55 Datasheet HTML 8Page - Brilliance Semiconductor BS616LV4017DIG55 Datasheet HTML 9Page - Brilliance Semiconductor BS616LV4017DIG55 Datasheet HTML 10Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
BS616LV4017
R0201-BS616LV4017
Revision
1.4
Oct.
2008
6
READ CYCLE 2
(1,3,4)
READ CYCLE 3
(1, 4)
NOTES:
1. WE is high in read Cycle.
2. Device is continuously selected when CE = VIL.
3. Address valid prior to or coincident with CE transition low.
4. OE = VIL.
5. Transition is measured
± 500mV from steady state with CL = 5pF.
The parameter is guaranteed but not 100% tested.
tOH
tRC
tOE
tBE
tBDO
DOUT
CE
OE
ADDRESS
tCLZ
(5)
tCHZ
(1,5)
tOHZ
(5)
tOLZ
tAA
LB, UB
tBA
tCLZ
(5)
tCHZ
(5)
DOUT
LB, UB
CE
tBA
tACS
tBE
tBDO


Similar Part No. - BS616LV4017DIG55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV4017DI BSI-BS616LV4017DI Datasheet
265Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
More results

Similar Description - BS616LV4017DIG55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV4017 BSI-BS616LV4017_06 Datasheet
209Kb / 11P
   Very Low Power CMOS SRAM 256K X 16 bit
BS616LV4015 BSI-BS616LV4015 Datasheet
228Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
logo
List of Unclassifed Man...
BS616LV4018 ETC1-BS616LV4018 Datasheet
265Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
logo
Brilliance Semiconducto...
BS616LV4016 BSI-BS616LV4016 Datasheet
265Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
BS616LV4010 BSI-BS616LV4010 Datasheet
227Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
BS616LV4017 BSI-BS616LV4017 Datasheet
265Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
logo
List of Unclassifed Man...
STC62WV25616 ETC1-STC62WV25616 Datasheet
252Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
logo
Brilliance Semiconducto...
BS616LV4011 BSI-BS616LV4011 Datasheet
231Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
logo
Lyontek Inc.
LY6225616_1008 LYONTEK-LY6225616_1008 Datasheet
274Kb / 14P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25616_1008 LYONTEK-LY62L25616_1008 Datasheet
283Kb / 13P
   256K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com