Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS616LV4017DIG55 Datasheet(PDF) 3 Page - Brilliance Semiconductor

Part # BS616LV4017DIG55
Description  Very Low Power CMOS SRAM 256K X 16 bit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616LV4017DIG55 Datasheet(HTML) 3 Page - Brilliance Semiconductor

  BS616LV4017DIG55 Datasheet HTML 1Page - Brilliance Semiconductor BS616LV4017DIG55 Datasheet HTML 2Page - Brilliance Semiconductor BS616LV4017DIG55 Datasheet HTML 3Page - Brilliance Semiconductor BS616LV4017DIG55 Datasheet HTML 4Page - Brilliance Semiconductor BS616LV4017DIG55 Datasheet HTML 5Page - Brilliance Semiconductor BS616LV4017DIG55 Datasheet HTML 6Page - Brilliance Semiconductor BS616LV4017DIG55 Datasheet HTML 7Page - Brilliance Semiconductor BS616LV4017DIG55 Datasheet HTML 8Page - Brilliance Semiconductor BS616LV4017DIG55 Datasheet HTML 9Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
BS616LV4017
R0201-BS616LV4017
Revision
1.4
Oct.
2008
3
ABSOLUTE MAXIMUM RATINGS
(1)
SYMBOL
PARAMETER
RATING
UNITS
VTERM
Terminal Voltage with
Respect to GND
-0.5
(2) to 7.0
V
TBIAS
Temperature Under
Bias
-40 to +125
OC
TSTG
Storage Temperature
-60 to +150
OC
PT
Power Dissipation
1.0
W
IOUT
DC Output Current
20
mA
1. Stresses greater than those listed under ABSOLUTE
MAXIMUM RATINGS may cause permanent damage to the
device. This is a stress rating only and functional operation of
the device at these or any other conditions above those
indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions for
extended periods may affect reliability.
2. –2.0V in case of AC pulse width less than 30 ns.
OPERATING RANGE
RANG
AMBIENT
TEMPERATURE
VCC
Commercial
0
OC to + 70OC
2.4V ~ 5.5V
Industrial
-40
OC to + 85OC
2.4V ~ 5.5V
CAPACITANCE
(1) (T
A = 25
OC, f = 1.0MHz)
SYMBOL PAMAMETER CONDITIONS MAX. UNITS
CIN
Input
Capacitance
VIN = 0V
6
pF
CIO
Input/Output
Capacitance
VI/O = 0V
8
pF
1. This parameter is guaranteed and not 100% tested.
DC ELECTRICAL CHARACTERISTICS (TA = -40
OC to +85OC)
PARAMETER
NAME
PARAMETER
TEST CONDITIONS
MIN.
TYP.(1)
MAX.
UNITS
VCC
Power Supply
2.4
--
5.5
V
VIL
Input Low Voltage
-0.5
(2)
--
0.8
V
VIH
Input High Voltage
2.2
--
VCC+0.3
(3)
V
IIL
Input Leakage Current
VIN = 0V to VCC
CE= VIH
--
--
1
uA
ILO
Output Leakage Current
VI/O = 0V to VCC,
CE= VIH or OE = VIH
--
--
1
uA
VOL
Output Low Voltage
VCC = Max, IOL = 2.0mA
--
--
0.4
V
VOH
Output High Voltage
VCC = Min, IOH = -1.0mA
2.4
--
--
V
VCC=3.0V
27
ICC
(5)
Operating Power Supply
Current
CE = VIL,
IIO = 0mA, f = FMAX
(4)
VCC=5.0V
--
--
65
mA
VCC=3.0V
2
ICC1
Operating Power Supply
Current
CE = VIL,
IIO = 0mA, f = 1MHz
VCC=5.0V
--
--
10
mA
VCC=3.0V
1.0
ICCSB
Standby Current – TTL
CE = VIH,
IIO = 0mA
VCC=5.0V
--
--
2.0
mA
VCC=3.0V
0.25
4.0
ICCSB1
(6)
Standby Current – CMOS
CE≧VCC-0.2V
VIN≧VCC-0.2V or VIN≦0.2V
VCC=5.0V
--
1.5
20
uA
1. Typical characteristics are at TA=25
OC and not 100% tested.
2. Undershoot: -1.0V in case of pulse width less than 20 ns.
3. Overshoot: VCC+1.0V in case of pulse width less than 20 ns.
4. FMAX=1/tRC.
5. ICC (MAX.) is 26mA/63mA at VCC=3.0V/5.0V and TA=70
OC.
6. ICCSB1(MAX.) is 2.0uA/10uA at VCC=3.0V/5.0V and TA=70
OC.


Similar Part No. - BS616LV4017DIG55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV4017DI BSI-BS616LV4017DI Datasheet
265Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
More results

Similar Description - BS616LV4017DIG55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV4017 BSI-BS616LV4017_06 Datasheet
209Kb / 11P
   Very Low Power CMOS SRAM 256K X 16 bit
BS616LV4015 BSI-BS616LV4015 Datasheet
228Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
logo
List of Unclassifed Man...
BS616LV4018 ETC1-BS616LV4018 Datasheet
265Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
logo
Brilliance Semiconducto...
BS616LV4016 BSI-BS616LV4016 Datasheet
265Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
BS616LV4010 BSI-BS616LV4010 Datasheet
227Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
BS616LV4017 BSI-BS616LV4017 Datasheet
265Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
logo
List of Unclassifed Man...
STC62WV25616 ETC1-STC62WV25616 Datasheet
252Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
logo
Brilliance Semiconducto...
BS616LV4011 BSI-BS616LV4011 Datasheet
231Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
logo
Lyontek Inc.
LY6225616_1008 LYONTEK-LY6225616_1008 Datasheet
274Kb / 14P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25616_1008 LYONTEK-LY62L25616_1008 Datasheet
283Kb / 13P
   256K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com