Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS616LV8016FCG55 Datasheet(PDF) 1 Page - Brilliance Semiconductor

Part # BS616LV8016FCG55
Description  Very Low Power CMOS SRAM 512K X 16 bit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616LV8016FCG55 Datasheet(HTML) 1 Page - Brilliance Semiconductor

  BS616LV8016FCG55 Datasheet HTML 1Page - Brilliance Semiconductor BS616LV8016FCG55 Datasheet HTML 2Page - Brilliance Semiconductor BS616LV8016FCG55 Datasheet HTML 3Page - Brilliance Semiconductor BS616LV8016FCG55 Datasheet HTML 4Page - Brilliance Semiconductor BS616LV8016FCG55 Datasheet HTML 5Page - Brilliance Semiconductor BS616LV8016FCG55 Datasheet HTML 6Page - Brilliance Semiconductor BS616LV8016FCG55 Datasheet HTML 7Page - Brilliance Semiconductor BS616LV8016FCG55 Datasheet HTML 8Page - Brilliance Semiconductor BS616LV8016FCG55 Datasheet HTML 9Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Very Low Power CMOS SRAM
512K X 16 bit
BS616LV8016
R0201-BS616LV8016
Revision
2.4
Oct.
2008
1
Pb-Free and Green package materials are compliant to RoHS
FEATURES
Wide VCC operation voltage : 2.4V ~ 5.5V
Very low power consumption :
VCC = 3.0V
Operation current : 31mA (Max.) at 55ns
2mA (Max.) at 1MHz
Standby current :
4/8uA (Max.) at 70/85
OC
VCC = 5.0V
Operation current : 76mA (Max.) at 55ns
10mA (Max.) at 1MHz
Standby current :
25/50uA (Max.) at 70/85
OC
High speed access time :
-55
55ns(Max.) at VCC=3.0~5.5V
-70
70ns(Max.) at VCC=2.7~5.5V
Automatic power down when chip is deselected
Easy expansion with CE2, CE1 and OE options
I/O Configuration x8/x16 selectable by LB and UB pin.
Three state outputs and TTL compatible
Fully static operation, no clock, no refresh
Data retention supply voltage as low as 1.5V
DESCRIPTION
The BS616LV8016 is a high performance, very low power CMOS
Static Random Access Memory organized as 524,288 by 16 bits and
operates form a wide range of 2.4V to 5.5V supply voltage.
Advanced CMOS technology and circuit techniques provide both
high speed and low power features with maximum CMOS standby
current of 8/50uA at Vcc=3/5V at 85
OC and maximum access time of
55/70ns.
Easy memory expansion is provided by an active LOW chip enable
(CE1), active HIGH chip enable (CE2) and active LOW output
enable (OE) and three-state output drivers.
The BS616LV8016 has an automatic power down feature, reducing
the power consumption significantly when chip is deselected.
The BS616LV8016 is available in DICE form and 48-ball BGA
package.
POWER CONSUMPTION
POWER DISSIPATION
STANDBY
(ICCSB1, Max)
Operating
(ICC, Max)
VCC=5.0V
VCC=3.0V
PRODUCT
FAMILY
OPERATING
TEMPERATURE
VCC=5.0V VCC=3.0V
1MHz
10MHz
fMax.
1MHz
10MHz
fMax.
PKG TYPE
BS616LV8016DC
DICE
BS616LV8016FC
Commercial
+0
OC to +70OC
25uA
4.0uA
9mA
39mA
75mA
1.5mA
19mA
30mA
BGA-48-0912
BS616LV8016FI
Industrial
-40
OC to +85OC
50uA
8.0uA
10mA
40mA
76mA
2mA
20mA
31mA
BGA-48-0912
PIN CONFIGURATIONS
BLOCK DIAGRAM
Brilliance Semiconductor, Inc. reserves the right to change products and specifications without notice.
G
H
F
E
D
C
B
A
1
2
3
4
5
6
A9
A11
A10
NC
A12
A14
A13
A15
WE
DQ13
DQ5
DQ7
DQ6
A17
A16
A7
VSS
VCC
DQ12
DQ11
DQ4
DQ3
VSS
A5
OE
A3
A0
A6
A4
A1
A2
CE2
UB
DQ10
DQ1
CE1
DQ2
DQ0
48-ball BGA top view
LB
DQ8
DQ9
VSS
VCC
DQ14
DQ15
A18
NC
A8
Address
Input
Buffer
Row
Decoder
Memory Array
1024 x 8192
Column I/O
Write Driver
Sense Amp
Column Decoder
Address Input Buffer
A16
A0 A1 A2
Data
Input
Buffer
Control
DQ0
.
.
.
.
.
.
DQ15
A13
A12
A11
A10
A9
A8
A7
A6
A5
A4
16
16
16
16
9
512
8192
1024
10
A14
Data
Output
Buffer
A18
CE2
CE1
WE
OE
UB
LB
VCC
VSS
A3
.
.
.
.
.
.
A17
A15


Similar Part No. - BS616LV8016FCG55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV8016FCG55 BSI-BS616LV8016FCG55 Datasheet
255Kb / 8P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8016FCG55 BSI-BS616LV8016FCG55 Datasheet
155Kb / 10P
   Very Low Power CMOS SRAM 512K X 16 bit
More results

Similar Description - BS616LV8016FCG55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV8016 BSI-BS616LV8016_06 Datasheet
155Kb / 10P
   Very Low Power CMOS SRAM 512K X 16 bit
BS616LV8017 BSI-BS616LV8017_08 Datasheet
245Kb / 11P
   Very Low Power CMOS SRAM 512K X 16 bit
BS616LV8017 BSI-BS616LV8017_06 Datasheet
208Kb / 11P
   Very Low Power CMOS SRAM 512K X 16 bit
BS616LV8019 BSI-BS616LV8019 Datasheet
271Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8012 BSI-BS616LV8012 Datasheet
207Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8013 BSI-BS616LV8013 Datasheet
203Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8010 BSI-BS616LV8010 Datasheet
272Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8011 BSI-BS616LV8011 Datasheet
192Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8016 BSI-BS616LV8016 Datasheet
255Kb / 8P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8018 BSI-BS616LV8018 Datasheet
253Kb / 8P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com