Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS62LV1027PCG70 Datasheet(PDF) 4 Page - Brilliance Semiconductor

Part # BS62LV1027PCG70
Description  Very Low Power CMOS SRAM 128K X 8 bit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS62LV1027PCG70 Datasheet(HTML) 4 Page - Brilliance Semiconductor

  BS62LV1027PCG70 Datasheet HTML 1Page - Brilliance Semiconductor BS62LV1027PCG70 Datasheet HTML 2Page - Brilliance Semiconductor BS62LV1027PCG70 Datasheet HTML 3Page - Brilliance Semiconductor BS62LV1027PCG70 Datasheet HTML 4Page - Brilliance Semiconductor BS62LV1027PCG70 Datasheet HTML 5Page - Brilliance Semiconductor BS62LV1027PCG70 Datasheet HTML 6Page - Brilliance Semiconductor BS62LV1027PCG70 Datasheet HTML 7Page - Brilliance Semiconductor BS62LV1027PCG70 Datasheet HTML 8Page - Brilliance Semiconductor BS62LV1027PCG70 Datasheet HTML 9Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
BS62LV1027
R0201-BS62LV1027
Revision
2.4
Oct.
2008
4
LOW VCC DATA RETENTION WAVEFORM (2) (CE2 Controlled)
AC TEST CONDITIONS
(Test Load and Input/Output Reference)
Input Pulse Levels
Vcc / 0V
Input Rise and Fall Times
1V/ns
Input and Output Timing
Reference Level
0.5Vcc
tCLZ, tOLZ, tCHZ, tOHZ, tWHZ
CL = 5pF+1TTL
Output Load
Others
CL = 30pF+1TTL
1. Including jig and scope capacitance.
KEY TO SWITCHING WAVEFORMS
WAVEFORM
INPUTS
OUTPUTS
MUST BE
STEADY
MUST BE
STEADY
MAY CHANGE
FROM “H” TO “L”
WILL BE CHANGE
FROM “H” TO “L”
MAY CHANGE
FROM “L” TO “H”
WILL BE CHANGE
FROM “L” TO “H”
DON’T CARE
ANY CHANGE
PERMITTED
CHANGE :
STATE UNKNOW
DOES NOT
APPLY
CENTER LINE IS
HIGH INPEDANCE
“OFF” STATE
AC ELECTRICAL CHARACTERISTICS (TA = -40
OC to +85OC)
READ CYCLE
CYCLE TIME : 55ns
(VCC = 3.0~5.5V)
CYCLE TIME : 70ns
(VCC = 2.7~5.5V)
JEDEC
PARAMETER
NAME
PARAMETER
NAME
DESCRIPTION
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
UNITS
tAVAX
tRC
Read Cycle Time
55
--
--
70
--
--
ns
tAVQX
tAA
Address Access Time
--
--
55
--
--
70
ns
tE1LQV
tACS1
Chip Select Access Time
(CE1)
--
--
55
--
--
70
ns
tE2HQV
tACS2
Chip Select Access Time
(CE2)
--
--
55
--
--
70
ns
tGLQV
tOE
Output Enable to Output Valid
--
--
30
--
--
35
ns
tE1LQX
tCLZ1
Chip Select to Output in Low Z
(CE1)
10
--
--
10
--
--
ns
tE2HQX
tCLZ2
Chip Select to Output in Low Z
(CE2)
10
--
--
10
--
--
ns
tGLQX
tOLZ
Output Enable to Output in Low Z
5
--
--
5
--
--
ns
tE1HQZ
tCHZ1
Chip Deselect to Output in High Z
(CE1)
--
--
30
--
--
35
ns
tE2LQZ
tCHZ2
Chip Deselect to Output in High Z
(CE2)
--
--
30
--
--
35
ns
tGHQZ
tOHZ
Output Disable to Output in High Z
--
--
25
--
--
30
ns
tAVQX
tOH
Data Hold from Address Change
10
--
--
10
--
--
ns
CE2
Data Retention Mode
VCC
tCDR
VCC
tR
VIL
VIL
VCC
VDR≧1.5V
CE2≦0.2V
CL
(1)
1 TTL
Output
ALL INPUT PULSES
→ ←
90%
VCC
GND
Rise Time :
1V/ns
Fall Time :
1V/ns
90%
→ ←
10%
10%


Similar Part No. - BS62LV1027PCG70

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV1027PCG70 BSI-BS62LV1027PCG70 Datasheet
427Kb / 10P
   Very Low Power/Voltage CMOS SRAM
BS62LV1027PCG70 BSI-BS62LV1027PCG70 Datasheet
386Kb / 11P
   Very Low Power CMOS SRAM 128K X 8 bit
More results

Similar Description - BS62LV1027PCG70

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV1027 BSI-BS62LV1027_06 Datasheet
386Kb / 11P
   Very Low Power CMOS SRAM 128K X 8 bit
BS62LV1029 BSI-BS62LV1029 Datasheet
424Kb / 10P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1025 BSI-BS62LV1025 Datasheet
382Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1023 BSI-BS62LV1023 Datasheet
378Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1028 BSI-BS62LV1028 Datasheet
424Kb / 10P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1024 BSI-BS62LV1024 Datasheet
383Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS616LV2016 BSI-BS616LV2016_06 Datasheet
208Kb / 11P
   Very Low Power CMOS SRAM 128K X 16 bit
BS616LV2016 BSI-BS616LV2016_08 Datasheet
246Kb / 11P
   Very Low Power CMOS SRAM 128K X 16 bit
BS616LV2019 BSI-BS616LV2019_06 Datasheet
170Kb / 11P
   Very Low Power CMOS SRAM 128K X 16 bit
BS616LV2019 BSI-BS616LV2019_08 Datasheet
238Kb / 11P
   Very Low Power CMOS SRAM 128K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com