Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPSA06 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MPSA06
Description  NPN TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MPSA06 Datasheet(HTML) 2 Page - Unisonic Technologies

  MPSA06_11 Datasheet HTML 1Page - Unisonic Technologies MPSA06_11 Datasheet HTML 2Page - Unisonic Technologies MPSA06_11 Datasheet HTML 3Page - Unisonic Technologies MPSA06_11 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MPSA06
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R201-035.C
ABSOLUTE MAXIMUM RATING (TA=25°С, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
80
V
Collector-Emitter Voltage
VCEO
80
V
Emitter-Base Voltage
VEBO
4
V
Collector Current - Continuous
IC
500
mA
Total device Dissipation, @TA=25°С
Derate above 25°С
PD
625
5
mW
mW/°С
Total device Dissipation, @TC=25°С
Derate above 25°С
PD
1500
12
mW
mW/°С
Junction Temperature
TJ
+125
°С
Storage Temperature
TSTG
-55 ~ +150
°С
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Junction-to-Ambient
θJA
200
Junction-to-Case
θJC
83.3
°С/W
ELECTRICAL CHARACTERISTICS (Ta=25°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage
(Note 1)
BVCEO
IC=1.0mA, IB=0
80
V
Emitter-Base Breakdown Voltage
BVEBO
IE=100μA, Ic=0
4
V
Collector Cutoff Current
ICEO
VCE=60V, IB=0
0.1
μA
Collector Cutoff Current
ICBO
VCB=80V, IE=0
0.1
μA
ON CHARACTERISTICS
IC=10mA, VCE=1V
100
Dc Current Gain
hFE
IC=100mA, VCE=1V
100
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=100mA, IB=10mA
0.25
V
Base-Emitter On Voltage
VBE(ON)
IC=100mA, VCE=1V
1.2
V
SMALL-SIGNAL CHARACTERISTICS
Current Gain Bandwidth Product
(Note 2)
fT
IC=10mA, VCE=2V, f=100MHz
100
MHz
Note 1. Pulse test: PW<=300
μs, Duty Cycle<=2%
2. fT is defined as the frequency at which IhfeI extrapolates to unity.


Similar Part No. - MPSA06_11

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MPSA06 MCC-MPSA06_11 Datasheet
234Kb / 2P
   NPN Small Signal Transistor 625 mW
More results

Similar Description - MPSA06_11

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
   NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
   DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
   DUAL TRANSISTOR (NPNNPN)
logo
Jiangsu Changjiang Elec...
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
   DUAL TRANSISTOR(NPNNPN)
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
   DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
   DUAL TRANSISTOR(NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX18N JIANGSU-UMX18N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com