Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS62LV256TIP70 Datasheet(PDF) 9 Page - Brilliance Semiconductor

Part # BS62LV256TIP70
Description  Very Low Power CMOS SRAM 32K X 8 bit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS62LV256TIP70 Datasheet(HTML) 9 Page - Brilliance Semiconductor

Back Button BS62LV256TIP70 Datasheet HTML 2Page - Brilliance Semiconductor BS62LV256TIP70 Datasheet HTML 3Page - Brilliance Semiconductor BS62LV256TIP70 Datasheet HTML 4Page - Brilliance Semiconductor BS62LV256TIP70 Datasheet HTML 5Page - Brilliance Semiconductor BS62LV256TIP70 Datasheet HTML 6Page - Brilliance Semiconductor BS62LV256TIP70 Datasheet HTML 7Page - Brilliance Semiconductor BS62LV256TIP70 Datasheet HTML 8Page - Brilliance Semiconductor BS62LV256TIP70 Datasheet HTML 9Page - Brilliance Semiconductor BS62LV256TIP70 Datasheet HTML 10Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
BS62LV256
R0201-BS62LV256
Revision
2.7
Oct.
2008
9
PACKAGE DIMENSIONS (continued)
1
14
14
D
1
HD
cL
28
15
"A"
15
28
0.004 ~ 0.006
0.004 ~ 0.008
0.0045±0.0026
0.0315±0.004
0.0197
0.022±0.004
0.008±0.001
0°~
0.004 Max.
0.528±0.008
0.315±0.004
0.465±0.004
0.009±0.002
0.039±0.002
0.0433±0.004
INCH
c1
L1
0
y
D
E
HD
L
e
SYMBOL
c
A
A1
b
A2
b1
UNIT
0.10 ~ 0.16
0.80±0.10
0°~
0.1 Max.
0.55±0.10
11.80±0.10
0.50
13.40±0.20
8.00±0.10
- 0.004
+0.008
- 0.10
+0.20
0.115±0.065
MM
0.10 ~ 0.21
0.20±0.03
0.22±0.05
1.00±0.05
1.10±0.10
TSOP - 28
WITH PLATING
SECTION A-A
BASE METAL
c c1
b1
b
°
A
SEATING PLANE
"A" DATAIL VIEW
A1
A2
Seating Plane
12°(2x)
E
b
12°(2x)
e
GAUGE PLANE
L1
L
A
A
0
0.254
y
12°(2x)
12°(2x)
PDIP - 28


Similar Part No. - BS62LV256TIP70

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV256TIP70 BSI-BS62LV256TIP70 Datasheet
242Kb / 10P
   Very Low Power CMOS SRAM 32K X 8 bit
More results

Similar Description - BS62LV256TIP70

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV256 BSI-BS62LV256_06 Datasheet
242Kb / 10P
   Very Low Power CMOS SRAM 32K X 8 bit
BS62LV2565 BSI-BS62LV2565 Datasheet
330Kb / 11P
   Very Low Power/Voltage CMOS SRAM 32K X 8 bit
BS62LV2563 BSI-BS62LV2563 Datasheet
327Kb / 11P
   Very Low Power/Voltage CMOS SRAM 32K X 8 bit
logo
Macronix International
MX66C256 MCNIX-MX66C256 Datasheet
183Kb / 9P
   Very Low Power 32k x 8 CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV256 BSI-BS62LV256 Datasheet
331Kb / 11P
   Very Low Power/Voltage CMOS SRAM 32K X 8 bit
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256 Datasheet
212Kb / 14P
   32K X 8 BIT LOW POWER CMOS SRAM
LY62W256 LYONTEK-LY62W256 Datasheet
204Kb / 13P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62256C ETC-UT62256C Datasheet
162Kb / 12P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256_16 Datasheet
628Kb / 17P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C62256 ALSC-AS6C62256 Datasheet
2Mb / 12P
   32K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com